Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBR Datasheet(PDF) 46 Page - Texas Instruments

Part # DIX4192IPFBR
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR Datasheet(HTML) 46 Page - Texas Instruments

Back Button DIX4192IPFBR Datasheet HTML 42Page - Texas Instruments DIX4192IPFBR Datasheet HTML 43Page - Texas Instruments DIX4192IPFBR Datasheet HTML 44Page - Texas Instruments DIX4192IPFBR Datasheet HTML 45Page - Texas Instruments DIX4192IPFBR Datasheet HTML 46Page - Texas Instruments DIX4192IPFBR Datasheet HTML 47Page - Texas Instruments DIX4192IPFBR Datasheet HTML 48Page - Texas Instruments DIX4192IPFBR Datasheet HTML 49Page - Texas Instruments DIX4192IPFBR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
46
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 68. Register 7F: Page Selection Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
PAGE1
PAGE0
Table 34. Register 7F: Page Selection Register Field Descriptions
PAGE[1:0]
Page Selection
These bits are used to select one of three register pages for write and/or read access through the SPI or I2C serial host interface. The
Page Selection Register is present on every register page at address 0x7F, allowing movement between pages as necessary.
PAGE1
PAGE0
Register/Buffer Page Selection
0
0
Page 0, control and status registers (default)
0
1
Page 1, DIR channel status and user data buffers
1
0
Page 2, DIT channel status and user data buffers
1
1
Page 3, reserved
9.5.3 Channel Status and User Data Buffer Maps
Table 35 through Table 38 show the buffer maps for the DIR and DIT channel status and user data buffers.
For Table 35, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode.
This is applicable for Table 35 and Table 36.
For Table 37, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode. In
Professional mode, Byte 23 for each channel is reserved for CRC data, which is automatically calculated and
encoded by the DIT. There is no requirement to program Byte 23 for either channel in Professional mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com