Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPW Datasheet(PDF) 10 Page - Texas Instruments

Part # INA302A2IPW
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA302A2IPW Datasheet HTML 6Page - Texas Instruments INA302A2IPW Datasheet HTML 7Page - Texas Instruments INA302A2IPW Datasheet HTML 8Page - Texas Instruments INA302A2IPW Datasheet HTML 9Page - Texas Instruments INA302A2IPW Datasheet HTML 10Page - Texas Instruments INA302A2IPW Datasheet HTML 11Page - Texas Instruments INA302A2IPW Datasheet HTML 12Page - Texas Instruments INA302A2IPW Datasheet HTML 13Page - Texas Instruments INA302A2IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Time (1 Ps/div)
Input
Output
Time (1 s/div)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
700
750
800
850
900
950
1000
1050
Frequency (Hz)
1000 2000
5000 10000
100000
1000000
10
20
30
50
70
100
200
300
500
700
1000
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
100
105
110
115
120
125
130
135
140
145
Supply Voltage (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
600
650
700
750
800
850
900
950
1000
10
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
Figure 19. Input Bias Current vs Temperature
Figure 20. Quiescent Current vs Supply Voltage
Figure 21. Quiescent Current vs Temperature
Figure 22. Input-Referred Voltage Noise vs Frequency
Figure 23. 0.1-Hz to 10-Hz Voltage Noise
(Referred to Input)
4-VPP output step
Figure 24. Voltage Output Rising Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com