Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWRG4.B Datasheet(PDF) 26 Page - Texas Instruments

Part # INA302A2IPWRG4.B
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWRG4.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA302A2IPWRG4.B Datasheet HTML 22Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 23Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 24Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 25Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 26Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 27Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 28Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 29Page - Texas Instruments INA302A2IPWRG4.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
R
SHUNT
V
REF
V
OUT
V+
V
CM
R
< 10 W
S
R
INT
R
< 10
S
W
R
INT
Load
C
F
Bias
Differential Input Voltage (mV)
-125 -100
-75
-50
-25
0
25
50
75
100
125
60
80
100
120
140
160
IB+
IB-
26
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
As shown in Figure 49, the input bias currents increase in opposite directions when the differential input voltage
increases. This increase results from the design of the device that allows common-mode input voltages to far
exceed the device supply voltage range. When input filter resistors are placed in series with the unequal input
bias currents, unequal voltage drops are developed across the input resistors. The difference between these two
drops appears as an added signal that (in this case) subtracts from the voltage developed across the current-
sensing resistor, thus reducing the signal that reaches the device input pins. Smaller-value input resistors reduce
this effect of signal attenuation to allow for a more accurate measurement.
Figure 49. Input Bias Current vs Differential Input Voltage
The internal bias network present at the input pins shown in Figure 50 is responsible for the mismatch in input
bias currents that is shown in Figure 49. If additional external series filter resistors are added to the circuit, the
mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This mismatch
creates a differential error voltage that subtracts from the voltage developed at the shunt resistor. This error
results in a voltage at the device input pins that is different than the voltage developed across the shunt resistor.
Without the additional series resistance, the mismatch in input bias currents has little effect on device operation.
The amount of error these external filter resistors add to the measurement is calculated using Equation 6, where
the gain error factor is calculated using Equation 5.
NOTE: Comparators omitted for simplicity.
Figure 50. Filter at Input Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com