Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM331AN/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM331AN/NOPB
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM331AN/NOPB Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB Datasheet HTML 9Page - Texas Instruments LM331AN/NOPB Datasheet HTML 10Page - Texas Instruments LM331AN/NOPB Datasheet HTML 11Page - Texas Instruments LM331AN/NOPB Datasheet HTML 12Page - Texas Instruments LM331AN/NOPB Datasheet HTML 13Page - Texas Instruments LM331AN/NOPB Datasheet HTML 14Page - Texas Instruments LM331AN/NOPB Datasheet HTML 15Page - Texas Instruments LM331AN/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
9.2 Typical Applications
9.2.1 Basic Voltage-to-Frequency Converter
The simple stand-alone V-to-F converter shown in Figure 14 includes all the basic circuitry of Figure 13 plus a
few components for improved performance.
*Use stable components with low temperature coefficients. See Application Information.
**0.1
μF or 1 μF, See Typical Applications.
Figure 14. Simple Stand-Alone V-to-F Converter
with ±0.03% Typical Linearity (f = 10 Hz to 11 kHz)
9.2.1.1 Design Requirements
For this example, the system requirements are 0.05% linearity over an output frequency range of 10 Hz to 4 kHz
with an input voltage range of 25 mV to 12.5 V. The available supply voltage is 15.0 V.
9.2.1.2 Detailed Design Procedure
A capacitor CIN is added from pin 7 to ground to act as a filter for VIN, use of a 0.1 μF is appropriate for this
application. A value of 0.01
μF to 0.1 μF will be adequate in most cases; however, in cases where better filtering
is required, a 1-
μF capacitor can be used. When the RC time constants are matched at pin 6 and pin 7, a voltage
step at VIN will cause a step change in fOUT. If CIN is much less than CL, a step at VIN may cause fOUT to stop
momentarily.
Next, we cancel the comparator bias current by setting RIN to 100 kΩ to match RL. This will help to minimize any
frequency offset.
For best results, all the components should be stable low-temperature-coefficient components, such as metal-film
resistors. The capacitor should have low dielectric absorption; depending on the temperature characteristics
desired, NPO ceramic, polystyrene, Teflon or polypropylene are best suited.
The resistance RS at pin 2 is made up of a 12-kΩ fixed resistor plus a 5-kΩ (cermet, preferably) gain adjust
rheostat. The function of this adjustment is to trim out the gain tolerance of the LMx31, and the tolerance of Rt,
RL and Ct.
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com