Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM331AN/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LM331AN/NOPB.B
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LM331AN/NOPB.B Datasheet HTML 1Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 2Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 3Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 4Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 5Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 6Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 7Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM231, LM331
www.ti.com
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
LM231, LM231A
−25
85
°C
Operating Ambient
Temperature
LM331, LM331A
0
70
°C
Supply Voltage, VS
(1)
4
40
V
(1)
All voltages are measured with respect to GND = 0 V, unless otherwise noted.
7.4 Thermal Information
LM312, LM331
THERMAL METRIC(1)
P (PDIP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
100
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
All specifications apply in the circuit of Figure 16, with 4.0 V
≤ VS ≤ 40 V, TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
% Full-
4.5 V
≤ VS ≤ 20 V
±0.003
±0.01
Scale
VFC Non-Linearity (1)
% Full-
TMIN ≤ TA ≤ TMAX
±0.006
±0.02
Scale
%Full-
VFC Non-Linearity in Circuit of Figure 14
VS = 15 V, f = 10 Hz to 11 kHz
±0.024
±0.14
Scale
LM231, LM231A
VIN = −10 V, RS = 14 kΩ
0.95
1
1.05
kHz/V
Conversion Accuracy
Scale Factor (Gain)
LM331, LM331A
0.9
1
1.1
kHz/V
TMIN ≤ TA ≤ TMAX
LMx31
±30
±150
ppm/°C
Temperature Stability
4.5 V
≤ VS ≤ 20 V
of Gain
LMx31A
±20
±50
ppm/°C
4.5 V
≤ VS ≤ 10 V
0.01
0.1
%/V
Change of Gain with VS
10 V
≤ VS ≤ 40 V
0.006
0.06
%/V
Rated Full-Scale Frequency
VIN = −10 V
10.0
kHz
% Full-
Gain Stability vs. Time (1000 Hours)
TMIN ≤ TA ≤ TMAX
±0.02
Scale
Over Range (Beyond Full-Scale) Frequency
VIN = −11 V
10%
INPUT COMPARATOR
Offset Voltage
±3
±10
mV
LM231/LM331
TMIN ≤ TA ≤ TMAX
±4
±14
mV
LM231A/LM331A
TMIN ≤ TA ≤ TMAX
±3
±10
mV
Bias Current
−80
−300
nA
Offset Current
±8
±100
nA
Common-Mode Range
TMIN ≤ TA ≤ TMAX
−0.2
VCC − 2
V
TIMER
Timer Threshold Voltage, Pin 5
0.63 × VS
0.667 × VS
0.7 × VS
Input Bias Current, Pin 5
VS = 15 V
All Devices
0V
≤ VPIN 5 ≤ 9.9 V
±10
±100
nA
LM231/LM331
VPIN 5 = 10 V
200
1000
nA
LM231A/LM331A
VPIN 5 = 10 V
200
500
nA
VSAT PIN 5 (Reset)
I = 5 mA
0.22
0.5
V
(1)
Non-linearity is defined as the deviation of fOUT from VIN × (10 kHz/−10 VDC) when the circuit has been trimmed for zero error at 10 Hz
and at 10 kHz, over the frequency range 1 Hz to 11 kHz. For the timing capacitor, CT, use NPO ceramic, Teflon
®, or polystyrene.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com