Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM86CIM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM86CIM/NOPB
Description  ±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM86CIM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM86CIM/NOPB Datasheet HTML 1Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 2Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 3Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 4Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 5Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 6Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 7Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 8Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM86
www.ti.com
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire
Interface
Check for Samples: LM86
1
FEATURES
DESCRIPTION
The LM86 is an 11-bit digital temperature sensor with
23
•
Accurately Senses Die Temperature of Remote
a 2-wire System Management Bus (SMBus) serial
ICs or Diode Junctions
interface. The LM86 accurately measures its own
•
Offset Register Allows Sensing a Variety of
temperature as well as the temperature of an external
Thermal Diodes Accurately
device, such as processor thermal diode or diode
connected transistor such as the 2N3904. The
•
On-Board Local Temperature Sensing
temperature
of
any
ASIC
can
be
accurately
•
10-Bit Plus Sign Remote Diode Temperature
determined using the LM86 as long as a dedicated
Data Format, 0.125°C Resolution
diode (semiconductor junction) is available on the
•
T_CRIT_A Output Useful for System Shutdown
target die. The LM86 remote sensor accuracy of
±0.75°C is factory trimmed for the 1.008 typical
•
ALERT Output Supports SMBus 2.0 Protocol
nonideality factor of the mobile Pentium™ III thermal
•
SMBus 2.0 Compatible Interface, Supports
diode. The LM86 has an Offset register to allow
TIMEOUT
measuring other diodes without requiring continuous
•
8-Pin VSSOP and SOIC Packages
software
management.
Contact
hardware.monitor.team@nsc.com to obtain the latest
APPLICATIONS
data for new processors.
•
Computer System Thermal Management
Activation of the ALERT output occurs when any
(For Example, Laptop, Desktop, Workstations,
temperature goes outside a preprogrammed window
set by the HIGH and LOW temperature limit registers
Server)
or exceeds the T_CRIT temperature limit. Activation
•
Electronic Test Equipment
of the T_CRIT_A occurs when any temperature
•
Office Electronics
exceeds the T_CRIT programmed limit. The LM86 is
pin and register compatible with the the Analog
KEY SPECIFICATIONS
Devices ADM1032 and Maxim MAX6657/8.
•
Supply Voltage 3.0V to 3.6V
•
Supply Current 0.8mA (typ)
•
Local Temp Accuracy (includes quantization
error)
–
TA=25°C to 125°C, ±3.0°C (max)
•
Remote Diode Temp Accuracy (includes
quantization error)
–
TA=30°C, TD=80°C, ±0.75°C (max)
–
TA=30°C to 50°C, TD=60°C to 100°C, ±1.0°C
(max)
–
TA=0°C to 85°C, TD=25°C to 125°C, ±3.0°C
(max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Pentium is a trademark of Intel Corporation..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM86CIM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM86CIM/NOPB TI1-LM86CIM/NOPB Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results

Similar Description - LM86CIM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com