Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INTERFACEUNITS Datasheet(PDF) 9 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 9 Page - Weidmuller

Back Button INTERFACEUNITS Datasheet HTML 5Page - Weidmuller INTERFACEUNITS Datasheet HTML 6Page - Weidmuller INTERFACEUNITS Datasheet HTML 7Page - Weidmuller INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller INTERFACEUNITS Datasheet HTML 10Page - Weidmuller INTERFACEUNITS Datasheet HTML 11Page - Weidmuller INTERFACEUNITS Datasheet HTML 12Page - Weidmuller INTERFACEUNITS Datasheet HTML 13Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
A.9
A
A
A
For D-subminiature plug-in
connectors according to
UL 508A recognition
• With mounting foot for TS 32,
TS 35 x 7.5 and TS 35 x 15 rails
• Male and female connectors with
screw/locking system UNC 4/40
• Available with screw connection
Connection data
- Process side
- Type
- Control side
- Type
Rated data
Rated voltage
Rated current per contact
Operating temperature
Storage temperature
Terminal wire size
Insulation stripping length
mm (in.)
Dimensions
Overall width
mm (in.)
dimensions (mm/in.)
Poles
Cable Connector Retainer*
Dim. A
9
Screw
39.88 (1.57)
9
Jackscrew
39.88 (1.57)
15
Screw
55.12 (2.17)
15
Jackscrew
55.12 (2.17)
25
Screw
85.09 (3.35)
25
Jackscrew
85.09 (3.35)
37
Screw
116.84 (4.60)
37
Jackscrew
116.84 (4.60)
50
Screw
149.35 (5.88)
50
Jackscrew
149.35 (5.88)
On TS 35 x 7.5
Mounting rail
End bracket
for TS 32
for TS 35
Terminal wire marking
RD
Male connector
Standard
RD
Female connector
Standard
Screw connection
LP2N terminal
Plug connection
Sub-D
150 V
1.5 A
-25°C…+50°C
-40°C…+70°C
AWG 26…12
7 (.28)
See table, dim. A
Type
Order No.
UL 508A—Male standard
RD-9
915933
RD-9JS
915935
RD-15
915958
RD-15JS
915941
RD-25
915947
RD-25JS
915949
RD-37
915954
RD-37JS
915956
RD-50
919658
RD-50JS
919656
Type
Order No.
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EWK 2
0199360000
EW 35
0383560000
DEK 5
Screw connection
LP2N terminal
Plug connection
Sub-D
150 V
1.5 A
-25°C…+50°C
-40°C…+70°C
AWG 26…12
7 (.28)
See table, dim. A
Type
Order No.
UL 508A—Female standard
RD-9
915934
RD-9JS
915936
RD-15
915940
RD-15JS
915942
RD-25
915948
RD-25JS
915953
RD-37
915955
RD-37JS
915957
RD-50
919657
RD-50JS
919655
Type
Order No.
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EWK 2
0199360000
EW 35
0383560000
DEK 5
Technical data
Ordering data
Accessories
Interface Units IEC 807-2 - DIN 41652 (Sub-D Connector)
*Cable connector retainer has either a jackscrew receptacle
for a thumb screw or has a mounted screw in the module
cable connector.
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com