Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD5-8-12-R5-S Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QPD5-8-12-R5-S
Description  5-Way Power Divider/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QPD5-8-12-R5-S Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QPD5-8-12-R5-S Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5-Way Power Divider/Combiner
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QPD5-8-12-R5-S
5-Way, 8~12MHz
Features:
Applications:
* Small Size
* Amplifiers
* Low Insertion Loss
* Mixers
* Antennas
* Laboratory Test
Electrical
Frequency:
8~12MHz
Insertion Loss:
0.2dB max.
VSWR:
1.2 max.
Isolation:
20dB
Amplitude Balance:
0.2dB max.
Phase Balance:
2° max.
Impedance:
50Ω
Power @SUM Port:
0.5W as divider
Mechanical
Size*1:
55.37*31.75*19.3mm
2.18*1.25*0.76in
Connectors:
SMA Female
Mounting:
4-Φ3.2mm through-hole
[1] Exclude connectors.
How To Order
QPD5-8-12-R5-S
Customization is available upon request.
Outline Drawings
Unit: mm [in]
Tolerance: ±0.3mm [±0.012in]


Similar Part No. - QPD5-8-12-R5-S

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QPD5-0-8000-2 QUALWAVE-QPD5-0-8000-2 Datasheet
229Kb / 1P
5-Way Resistive Power Divider
Rev 1.1
QPD5-0-8000-2-N QUALWAVE-QPD5-0-8000-2-N Datasheet
229Kb / 1P
5-Way Resistive Power Divider
Rev 1.1
QPD5-0-8000-2-S QUALWAVE-QPD5-0-8000-2-S Datasheet
229Kb / 1P
5-Way Resistive Power Divider
Rev 1.1
QPD5-1000-18000-30-S QUALWAVE-QPD5-1000-18000-30-S Datasheet
155Kb / 1P
5-Way Power Divider/Combiner
Rev 1.1
QPD5-18000-26500-30-S QUALWAVE-QPD5-18000-26500-30-S Datasheet
160Kb / 1P
5-Way Power Divider/Combiner
Rev 1.1
More results

Similar Description - QPD5-8-12-R5-S

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-223 JFW-50PD-223 Datasheet
32Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-224 JFW-50PD-224 Datasheet
26Kb / 1P
3 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-432 JFW-50PD-432 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER/COMBINER
50PD-495 JFW-50PD-495 Datasheet
26Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-525 JFW-50PD-525 Datasheet
26Kb / 1P
3 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-589 JFW-50PD-589 Datasheet
26Kb / 1P
4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-639 JFW-50PD-639 Datasheet
26Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-647 JFW-50PD-647 Datasheet
27Kb / 1P
8 WAY REACTIVE POWER DIVIDER/COMBINER
logo
SYNERGY MICROWAVE CORPO...
CSBK260S SYNERGY-CSBK260S Datasheet
421Kb / 3P
2-WAY POWER DIVIDER/COMBINER
CSDK3100S SYNERGY-CSDK3100S Datasheet
571Kb / 3P
4-WAY POWER DIVIDER/COMBINER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com