Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2733XMFX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2733XMFX/NOPB
Description  LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2733XMFX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2733XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
50
100
150
200
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
VIN=10V
0
50
100
150
200
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
LOAD CURRENT (mA)
0
50
100
150
200
250
300 350
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
0
50
100 150 200 250
300 350 400
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600 700
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LOAD CURRENT (mA)
8
LM2733
SNVS209G – NOVEMBER 2002 – REVISED MAY 2019
www.ti.com
Product Folder Links: LM2733
Submit Documentation Feedback
Copyright © 2002–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, SHDN pin is tied to VIN.
Figure 13. Efficiency vs Load Current (VOUT = 20 V) - "X"
Figure 14. Efficiency vs Load Current (VOUT = 25 V) - "X"
Figure 15. Efficiency vs Load Current (VOUT = 30 V) - "X"
Figure 16. Efficiency vs Load Current (VOUT = 35 V) - "X"
Figure 17. Efficiency vs Load Current (VOUT = 40 V) - "X"
Figure 18. Efficiency vs Load (VOUT = 15 V) - "Y"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com