Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2733XMF/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2733XMF/NOPB.B
Description  LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2733XMF/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM2733XMF/NOPB.B Datasheet HTML 1Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 2Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM2733
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51KQ
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3KQ
CF
220pF
D1
MBR0520
R1/117KQ
L1/10PH
C2
4.7PF
12V
OUT
330mA
(TYP)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2733
SNVS209G – NOVEMBER 2002 – REVISED MAY 2019
LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
1
1 Features
1
•
40-V DMOS FET switch
•
1.6-MHz (“X”), 0.6 MHz (“Y”) Switching frequency
•
Low RDS(ON) DMOS FET
•
Switch current up to 1 A
•
Wide input voltage 2.7 V to 14 V
•
Low shutdown current (< 1 µA)
•
5-Pin SOT-23 package
•
Uses tiny capacitors and inductors
•
Cycle-by-cycle current limiting
•
Internally compensated
2 Applications
•
White LED current source
•
PDAs and palm-top computers
•
Digital cameras
•
Portable phones and games
•
Local boost regulator
3 Description
The LM2733 switching regulators are current-mode
boost converters operating fixed frequency of 1.6
MHz (“X” option) and 600 kHz (“Y” option).
The use of SOT-23 package, made possible by the
minimal power loss of the internal 1-A switch and use
of small inductors and capacitors, results in the
industry's highest power density. The 40-V internal
switch makes these solutions perfect for boosting to
voltages of 16 V or greater.
These parts have a logic-level shutdown pin that can
be used to reduce quiescent current and extend
battery life.
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2733
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Efficiency vs. Load Current


Similar Part No. - LM2733XMF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2733XMF/NOPB TI-LM2733XMF/NOPB Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results

Similar Description - LM2733XMF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com