Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48824TMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48824TMX/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48824TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM48824TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ack from slave
ack from slave
w
rs
r
stop
ack from slave
ack from master
repeated start
data from slave
start
w ack
ack
rs
r ack
ack stop
start
SCL
SDA
MSB Chip Address LSB
slave address = 1100000
register address = 0x00h
MSB Register 0x00h LSB
MSB
Data
LSB
MSB Chip Address LSB
slave address = 1100000
register 0x00h data
ack
ack
ack
ack
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM48824
www.ti.com
SNAS479D – MARCH 2009 – REVISED MAY 2013
Figure 31. I2C Write Cycle
Figure 32. Example I2C Read Cycle
Table 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 (R/W)
Device
1
1
0
0
0
0
0
X
Address
Table 2. I2C Control Registers(1)
Register
Register
B7
B6
B5
B4
B3
B2
B1
B0
Address
Name
MODE
0x01h
HPL_EN
HPR_EN
0
0
0
0
THRM
SHDN
CONTROL
VOLUME
0x02h
MUTE_L
MUTE_R
VOL4
VOL3
VOL2
VOL1
VOL0
0
CONTROL
OUTPUT
0x03h
0
0
0
0
LOW_THD
0
HiZ_L
HiZ_R
CONTROL
DEVICE
0x04h
INFORMATIO
0
1
0
0
0
0
0
0
N (Read-Only)
(1)
All registers default to 0 on initial power-up except SHDN, MUTE_L, MUTE_R bits default to 1 at power-up.
Table 3. Mode Control Register
Bit
Name
Value
Description
0
Device enabled
B0
SHDN
1
Device disabled
0
Thermal-protection inactive
THRM
B1
(Read Only)
1
Thermal-protection active
0
Right channel amplifier disabled
B6
HPR_EN
1
Right channel amplifier enabled
0
Left channel amplifier disabled
B7
HPL_EN
1
Left channel amplifier enabled
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com