Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5001MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5001MA/NOPB
Description  LM5001x High-Voltage Switch-Mode Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
EN
LM5001
VPWR
STANDBY
R2
OFF
OFF
STANDBY
R1
1.26V
0.45V
EN
LM5001
Disable PWM Controller
R1
Disable VCC Regulator
VIN
1.26V
0.45V
6 2A
VPWR
R2
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
Application Information (continued)
Figure 15. Basic EN (UVLO) Configuration
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the EN pin as shown in Figure 16. A MOSFET or an NPN transistor connected to the EN pin can
force the regulator into the low power ‘off’ state. Adding a PN diode in the drain (or collector) provides the offset
to achieve the standby state. The advantage of standby is that the VCC LDO is not disabled and external
circuitry powered by VCC remains functional.
Figure 16. Remote Standby and Disable Control
8.1.4 Soft-Start
Soft-start (SS) can be implemented with an external capacitor connected to COMP through a diode as shown in
Figure 17. The COMP discharge MOSFET conducts during Shutdown and Standby modes to keep the COMP
voltage below the PWM offset (1.3 V), which inhibits PWM pulses. The error amplifier attempts to raise the
COMP voltage after the EN pin exceeds the 1.26-V standby threshold. Because the error amplifier output can
only sink current, the internal COMP pull-up resistor (~5 k
Ω) supplies the charging current to the SS capacitor.
The SS capacitor causes the COMP voltage to gradually increase, until the output voltage achieves regulation
and FB assumes control of the COMP and the PWM duty cycle. The SS capacitor continues charging through a
large resistance, RSS, preventing the SS circuit from interfering with the normal error amplifier function. During
shutdown, the VCC diode discharges the SS capacitor.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com