Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025AMTCX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5025AMTCX/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025AMTCX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5025AMTCX/NOPB Datasheet HTML 6Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTCX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
-40
25
75
125
TEMPERATURE (
oC)
14
16
18
20
22
24
26
-40
25
75
125
TEMPERATURE (
oC)
80
90
100
110
120
130
140
0
20
40
60
80
100
120
RSET (k:)
0
50
100
150
200
250
300
350
400
10
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Dead Time vs RSET
RSET = 29.5 K
Figure 8. Dead Time vs Temperature
Figure 9. SS Pin Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com