Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025ASDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5025ASDX/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5025ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM5025A
UVLO
COMP
OUT_A
OUT_B
VCC
SS
Rt
SYNC
REF
TIME
RAMP
CS1
VIN
CS2
VIN
35 ± 78 V
PGND
AGND
UP/DOWN
SYNC
VOUT
3.3 V
ERROR
AMP &
ISOLATION
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
LM5025A Active Clamp Voltage Mode PWM Controller
1
1 Features
1
•
Internal Start-Up Bias Regulator
•
3-A Compound Main Gate Driver
•
Programmable Line Undervoltage Lockout (UVLO)
With Adjustable Hysteresis
•
Voltage Mode Control With Feedforward
•
Adjustable Dual Mode Overcurrent Protection
•
Programmable Overlap or Dead Time Between
the Main and Active Clamp Outputs
•
Volt × Second Clamp
•
Programmable Soft Start
•
Leading Edge Blanking
•
Single Resistor Programmable Oscillator
•
Oscillator UP and DOWN Sync Capability
•
Precision 5-V Reference
•
Thermal Shutdown
•
Packages:
–
16-Pin TSSOP
–
Thermally Enhanced 16-Pin WSON
(5 mm × 5 mm)
2 Applications
•
Server Power Supplies
•
48-V Telecom Power Supplies
•
42-V Automotive Applications
•
High-Efficiency DC-to-DC Power Supplies
3 Description
The LM5025A is a functional variant of the LM5025
active
clamp
PWM
controller.
The
functional
differences of the LM5025A are that the CS1 and
CS2 current limit thresholds have been increased to
0.5 V, the internal CS2 filter discharge device has
been disabled and no longer operates each clock
cycle, and the internal VCC and VREF regulators
continue to operate when the line UVLO pin is below
threshold.
The LM5025A PWM controller contains all of the
features necessary to implement power converters
using the Active Clamp / Reset technique. With the
active
clamp
technique,
higher
efficiencies
and
greater power densities can be realized compared to
conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided: the
main power switch control (OUT_A) and the active
clamp switch control (OUT_B). The two internal
compound gate drivers parallel both MOS and bipolar
devices, providing superior gate drive characteristics.
This controller is designed for high-speed operation
including an oscillator frequency range up to 1 MHz
and total PWM and current sense propagation delays
less than 100 ns. The LM5025A includes a high-
voltage start-up regulator that operates over a wide
input range of 13 V to 90 V. Additional features
include: line undervoltage lockout (UVLO), soft start,
oscillator UP and DOWN sync capability, precision
reference, and thermal shutdown.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5025A
TSSOP (16)
5.00 mm × 4.40 mm
WSON (16)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Active Clamp Forward Power Converter


Similar Part No. - LM5025ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025ASDX/NOPB TI1-LM5025ASDX/NOPB Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com