Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025ASDX/NOPB.B Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5025ASDX/NOPB.B
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASDX/NOPB.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5025ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5025ASDX/NOPB.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CS2
SS
20 PA
1 PA
16
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Feature Description (continued)
The LM5025A CS comparators are very fast and may respond to short duration noise pulses. Layout
considerations are critical for the current sense filter and sense resistor. The capacitor associated with the CS
filter must be placed very close to the device and connected directly to the pins of the IC (CS and GND). If a
current sense transformer is used, both leads of the transformer secondary must be routed to the filter network,
which must be placed close to the IC. If a sense resistor in the source of the main switch MOSFET is used for
current sensing, a low inductance type of resistor is required. When designing with a current sense resistor, all of
the noise-sensitive, low-power ground connections must be connected together near the IC GND and a single
connection must be made to the power ground (sense resistor ground point).
Figure 12. Current Limit
7.3.8 Oscillator and Sync Capability
The LM5025A oscillator is set by a single external resistor connected between the RT pin and GND. To set a
desired oscillator frequency (F), the necessary RT resistor can be calculated in Equation 5:
RT = (5725/F)
1.026
where
•
F is in kHz and RT in kΩ
(5)
The RT resistor must be placed very close to the device and connected directly to the pins of the IC (RT and
GND).
A unique feature of LM5025A is the ability to synchronize the oscillator to an external clock with a frequency that
is either higher or lower than the frequency of the internal oscillator. The lower frequency sync frequency range is
80% of the free-running internal oscillator frequency. There is no constraint on the maximum SYNC frequency. A
minimum pulse width of 100 ns is required for the synchronization clock. If the synchronization feature is not
required, the SYNC pin must be connected to GND to prevent any abnormal interference. The internal oscillator
can be completely disabled by connecting the RT pin to REF. Once disabled, the sync signal acts directly as the
master clock for the controller. Both the frequency and the maximum duty cycle of the PWM controller can be
controlled by the SYNC signal (within the limitations of the Volt × Second Clamp). The maximum duty cycle (D)
will be (1-D) of the SYNC signal.
7.3.9 Feed-Forward Ramp
An external resistor (RFF) and capacitor (CFF) connected to VIN and GND are required to create the PWM ramp
signal. The slope of the signal at the RAMP pin varies in proportion to the input line voltage. This varying slope
provides line feedforward information necessary to improve line transient response with voltage mode control.
The RAMP signal is compared to the error signal at the COMP pin by the pulse width modulator comparator to
control the duty cycle of the main switch output. The Volt Second Clamp comparator also monitors the RAMP pin
and if the ramp amplitude exceeds 2.5 V the present cycle is terminated. The ramp signal is reset to GND at the
end of each cycle by either the internal clock or the Volt Second comparator, which ever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com