Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025ASD/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5025ASD/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASD/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5025ASD/NOPB Datasheet HTML 20Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 21Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 22Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 23Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 24Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 25Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 26Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 27Page - Texas Instruments LM5025ASD/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
A
24
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
10.2 Layout Example
Figure 23. LM5025A Layout Recommendation
10.3 Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low-power standby
state with the output drivers and the bias regulator disabled. The device restarts after the thermal hysteresis
(typically 25°C). During a restart after thermal shutdown, the soft-start capacitor is fully discharged and then
charged in the low current mode (1 µA) similar to a second level current limit event. The thermal protection
feature is provided to prevent catastrophic failures from accidental device overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com