Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV712TL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 17Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
OUTPUT
VOLTAGE
SHUTDOWN
PULSE
(2V/div)
0
1
2
3
4
5
10
12
14
16
18
20
22
24
26
28
30
VCM (V)
CCM TO GROUND
FMEAS = 1MHz
FOLLOWER CONFIG
VOUT FOLLOWS VIN (VCM)
TIME (500ns/div)
TIME (500ns/div)
TIME (500ns/div)
TIME (500ns/div)
15
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 5 V, and single supply (unless otherwise noted)
VS = 2.7 V
Figure 25. Inverting Large Signal Pulse Response
VS = 5 V
Figure 26. Inverting Large Signal Pulse Response
VS = 2.7 V
Figure 27. Inverting Small Signal Pulse Response
VS = 5 V
Figure 28. Inverting Small Signal Pulse Response
VS = 5 V
Figure 29. Turnon Time Response
VS = 5 V
Figure 30. Input Common Mode Capacitance vs VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com