Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV712TL/NOPB.A Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV712TL/NOPB.A
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB.A Datasheet(HTML) 2 Page - Texas Instruments

  LMV712TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
LMV712-N, LMV712-N-Q1
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics – 2.7 V .............................. 7
6.6
Electrical Characteristics – 5 V ................................. 9
6.7
Typical Characteristics ............................................ 11
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description ................................................ 16
7.4
Device Functional Modes ....................................... 17
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Applications ................................................ 19
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 22
11
Device and Documentation Support ................. 23
11.1
Related Links ........................................................ 23
11.2
Receiving Notification of Documentation Updates 23
11.3
Community Resources.......................................... 23
11.4
Trademarks ........................................................... 23
11.5
Electrostatic Discharge Caution ............................ 23
11.6
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (January 2014) to Revision J
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Soldering specification from Absolute Maximum Ratings table ................................................................................ 6
•
Changed Thermal Resistance values in Thermal Information table From: 196 To: 84.1 (DSBGA), From: 53.4 To: 70
(WSON), and From: 235 To: 176.8 (VSSOP) ........................................................................................................................ 6
Changes from Revision H (February 2013) to Revision I
Page
•
Added -Q1 part ....................................................................................................................................................................... 1
Changes from Revision G (February 2013) to Revision H
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com