Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZ/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMZ22010TZ/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZ/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMZ22010TZ/NOPB Datasheet HTML 16Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 18Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 20Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 21Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 22Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 23Page - Texas Instruments LMZ22010TZ/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
For VOUT = 0.8 V the FB pin can be connected to the output directly and RFBB can be set to 8.06 kΩ to provide
minimum output load.
Table 1 list the values for RFBT , and RFBB.
Table 1. Typical Application Bill of Materials
REF DES
DESCRIPTION
CASE SIZE
MANUFACTURER
MANUFACTURER P/N
U1
SIMPLE SWITCHER
PFM-11
Texas Instruments
LMZ22010TZ
CIN1,6 (OPT)
0.047 µF, 50 V, X7R
1206
Yageo America
CC1206KRX7R9BB473
CIN2,3,4
10 µF, 50 V, X7R
1210
Taiyo Yuden
UMK325BJ106MM-T
CIN5 (OPT)
CAP, AL, 150 µF, 50 V
Radial G
Panasonic
EEE-FK1H151P
CO1,5 (OPT)
0.047 µF, 50 V, X7R
1206
Yageo America
CC1206KRX7R9BB473
CO2 (OPT)
47 µF, 10 V, X7R
1210
Murata
GRM32ER61A476KE20L
CO3,4
330
μF, 6.3 V, 0.015 Ω
CAPSMT_6_UE
Kemet
T520D337M006ATE015
RFBT
3.32 k
Ω
0805
Panasonic
ERJ-6ENF3321V
RFBB
1.07 k
Ω
0805
Panasonic
ERJ-6ENF1071V
RSYNC
1.50 k
Ω
0805
Vishay Dale
CRCW08051K50FKEA
RENT
42.2 k
Ω
0805
Panasonic
ERJ-6ENF4222V
RENB
12.7 k
Ω
0805
Panasonic
ERJ-6ENF1272V
CSS
0.47
μF, ±10%, X7R, 16 V
0805
AVX
0805YC474KAT2A
D1 (OPT)
5.1 V, 0.5 W
SOD-123
Diodes Inc.
MMSZ5231BS-7-F
8.2.2.4 Soft-Start Capacitor Selection
Programmable soft-start permits the regulator to slowly ramp to its steady-state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time.
Upon turnon, after all UVLO conditions have been passed, an internal 1.6-ms circuit slowly ramps the SS input to
implement internal soft start. If 1.6 ms is an adequate turnon time then the Css capacitor can be left unpopulated.
Longer soft-start periods are achieved by adding an external capacitor to this input.
Soft-start duration is given by the formula:
tSS = VREF × CSS / Iss = 0.795 V × CSS / 50 µA
(6)
This equation can be rearranged as follows:
CSS = tSS × 50 μA / 0.795 V
(7)
Using a 0.22-
μF capacitor results in 3.5-ms typical soft-start duration; and 0.47 μF results in 7.5 ms typical. 0.47
μF is a recommended initial value.
As the soft-start input exceeds 0.795 V the output of the power stage will be in regulation and the 50-
μA current
is deactivated. The following conditions will reset the soft-start capacitor by discharging the SS input to ground
with an internal current sink.
•
The Enable input being pulled low
•
A thermal shutdown condition
•
VIN falling below 4.3 V (typical) and triggering the VCC UVLO
8.2.2.5 Tracking Supply Divider Option
The tracking function allows the module to be connected as a slave supply to a primary voltage rail (often the
3.3-V system rail) where the slave module output voltage is lower than that of the master. Proper configuration
allows the slave rail to power up coincident with the master rail such that the voltage difference between the rails
during ramp-up is small (that is, < 0.15 V typical). The values for the tracking resistive divider must be selected
such that the effect of the internal 50-µA current source is minimized. In most cases the ratio of the tracking
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com