Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5521TM/NOPB Datasheet(PDF) 47 Page - Texas Instruments

Part # LP5521TM/NOPB
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 43Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 44Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 45Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 46Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 47Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 48Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 50Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
24X
0.3
0.2
2.4 0.1
24X
0.5
0.3
0.8 MAX
NOTE 4
SOLDER BUMP
0.110
0.035
20X 0.5
2X
3
2X 2
3.4 0.1
B
4.1
3.9
A
5.1
4.9
(0.2) TYP
WQFN - 0.8 mm max height
NJA0024A
PLASTIC QUAD FLATPACK - NO LEAD
4215212/A 04/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
7
13
19
8
12
24
20
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
25
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
4. Package maximum height does not include the solder bump height.
SCALE 2.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com