Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5521TM/NOPB.B Datasheet(PDF) 20 Page - Texas Instruments

Part # LP5521TM/NOPB.B
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5521TM/NOPB.B Datasheet HTML 16Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 17Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 18Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 19Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 20Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 21Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 22Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 23Page - Texas Instruments LP5521TM/NOPB.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
SDA
SCL
S
P
START condition
STO
P condition
20
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Programming (continued)
Figure 21. Start and Stop Conditions
In addition to the first start condition, a repeated start condition can be generated in the middle of a transaction.
This allows another device to be accessed, or a register read cycle.
7.5.1.3 Acknowledge Cycle
The acknowledge cycle consists of two signals: the acknowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiving device.
The master generates the acknowledge clock pulse on the ninth clock pulse of the byte transfer. The transmitter
releases the SDA line (permits it to go high) to allow the receiver to send the acknowledge signal. The receiver
must pull down the SDA line during the acknowledge clock pulse and ensure that SDA remains low during the
high period of the clock pulse, thus signaling the correct reception of the last data byte and its readiness to
receive the next byte.
7.5.1.4 Acknowledge After Every Byte Rule
The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an acknowledge
signal after every byte received.
There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not-acknowledging (negative acknowledge) the last byte clocked out
of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master),
but the SDA line is not pulled down.
7.5.1.5 Addressing Transfer Formats
Each device on the bus has a unique slave address. The LP5521 operates as a slave device with the 7-bit
address. The LP5521 I2C address is pin selectable from four different choices. If 8-bit address is used for
programming, the 8th bit is 1 for read and 0 for write. Table 9 shows the 8-bit I2C addresses.
Table 9. 8-Bit I2C Addresses
ADDR_SEL
[1:0]
I2C ADDRESS WRITE
(8 bits)
I2C ADDRESS READ
(8 bits)
00
01
10
11
0110 0100 = 64H
0110 0110 = 66H
0110 1000 = 68H
0110 1010 = 6AH
0110 0101 = 65H
0110 0111 = 67H
0110 1001 = 69H
0110 1011 = 6BH
Before any data is transmitted, the master transmits the address of the slave being addressed. The slave device
sends an acknowledge signal on the SDA line, once it recognizes its address.
The slave address is the first seven bits after a start condition. The direction of the data transfer (R/W) depends
on the bit sent after the slave address — the eighth bit.
When the slave address is sent, each device in the system compares this slave address with its own. If there is a
match, the device considers itself addressed and sends an acknowledge signal. Depending upon the state of the
R/W bit (1:read, 0:write), the device acts as a transmitter or a receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com