Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3985IM5-3.2/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LP3985IM5-3.2/NOPB
Description  LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3985IM5-3.2/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3985IM5-3.2/NOPB Datasheet HTML 26Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 27Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 28Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 29Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 30Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 31Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 32Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 33Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
MECHANICAL DATA
YZR0005xxx
www.ti.com
TLA05XXX (Rev C)
0.600±0.075
D
E
NOTES:
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
4215043/A
12/12
D: Max =
E: Max =
1.502 mm, Min =
1.045 mm, Min =
1.441 mm
0.984 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com