Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDH300TR Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDH300TR
Description  High Conductance Low Leakage Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDH300TR Datasheet(HTML) 2 Page - ON Semiconductor

  FDH300TR Datasheet HTML 1Page - ON Semiconductor FDH300TR Datasheet HTML 2Page - ON Semiconductor FDH300TR Datasheet HTML 3Page - ON Semiconductor FDH300TR Datasheet HTML 4Page - ON Semiconductor FDH300TR Datasheet HTML 5Page - ON Semiconductor FDH300TR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDH300 / FDH300A / FDLL300A / FDH333 / FDLL333 Rev. 3.4
February 2016
FDH300 / FDH300A / FDLL300A / FDH333 / FDLL333
High Conductance Low Leakage Diode
Ordering Information
Absolute Maximum Ratings(1), (2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 175
C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Top Mark
Package
Packing Method
FDH300TR
H300
DO-204AH (DO-35)
Tape and Reel
FDH300A
H300A
DO-204AH (DO-35)
Bulk
FDH300ATR
H300A
DO-204AH (DO-35)
Tape and Reel
FDH333
H333
DO-204AH (DO-35)
Bulk
FDH333TR
H333
DO-204AH (DO-35)
Tape and Reel
FDLL300A
WHITE
SOD-80 2L
Tape and Reel
FDLL333
WHITE
SOD-80 2L
Tape and Reel
Symbol
Parameter
Value
Unit
WIV
Working Inverse Voltage
125
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
IFSM
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1.0 s
1.0
A
Pulse Width = 1.0
s4.0
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
LL-34 (SOD-80)
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
DO-35
FDLL300A
WHITE
Cathode is denoted with a black band
-1st band denotes cathode terminal
and has wider width
FDLL333
WHITE
Cathode Band



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com