Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDH300ATR Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDH300ATR
Description  High Conductance Low Leakage Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDH300ATR Datasheet(HTML) 3 Page - ON Semiconductor

  FDH300ATR Datasheet HTML 1Page - ON Semiconductor FDH300ATR Datasheet HTML 2Page - ON Semiconductor FDH300ATR Datasheet HTML 3Page - ON Semiconductor FDH300ATR Datasheet HTML 4Page - ON Semiconductor FDH300ATR Datasheet HTML 5Page - ON Semiconductor FDH300ATR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDH300 / FDH300A / FDLL300A / FDH333 / FDLL333 Rev. 3.4
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
500
mW
Derate Above 25°C
3.33
mW/
C
RJA
Thermal Resistance, Junction-to-Ambient
300
C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
VR
Breakdown Voltage
IR = 100 A150
V
VF
Forward Voltage
FDH300 / FDH300A / FDLL300A IF = 1.0 mA
680
mV
FDH300
IF = 5.0 mA
750
mV
FDH300A / FDLL300A
IF = 5.0 mA
760
mV
FDH300 / FDH300A / FDLL300A IF = 10 mA
800
mV
FDH300
IF = 50 mA
880
mV
FDH300A / FDLL300A
IF = 50 mA
890
mV
FDH300 / FDH300A / FDLL300A IF = 100 mA
920
mV
FDH300 / FDH300A / FDLL300A IF = 200 mA
1.0
V
FDH333 / FDLL333
IF = 50 mA
800
890
mV
IF = 100 mA
830
940
mV
IF = 150 mA
860
970
mV
IF = 200 mA
0.87
1.05
V
IF = 250 mA
0.88
1.08
V
IF = 300 mA
0.90
1.15
V
IR
Reverse Current
FDH300 / FDH300A / FDLL300A
VR = 125 V
1.0
nA
VR = 125 V, TA = 150°C
3.0
A
FDH333 / FDLL333
VR = 125 V
3.0
nA
VR = 125 V, TA = 100°C
500
nA
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
6.0
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com