Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3008T/2K.B Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM3008T/2K.B
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3008T/2K.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3008T/2K.B Datasheet HTML 2Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 3Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 4Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 5Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 6Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 7Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 8Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 9Page - Texas Instruments PCM3008T/2K.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
6
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 2.4 V, fs = 44.1 kHz,
system clock = 384fs, fIN = 1 kHz, 16-bit data, (unless otherwise noted) (continued)
PCM3008T
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Gain mismatch channel to channel
±1
±5
Gain error
±2
±10
%of
Bipolar zero error
±2
FSR
DYNAMIC PERFORMANCE(6)
VOUT = 0 dB
–88
–78
THD+N
VOUT = –60 dB
–30
Dynamic range
EIAJ, A-weighted
86
92
dB
S/N ratio
EIAJ, A-weighted
86
92
dB
Channel separation
84
90
ANALOG OUTPUT
Output voltage
0.6 VCC
Vp–p
Center voltage
0.5 VCC
V
Load impedance
AC coupling
10
k
Ω
–3 dB
250
kHz
LPF frequency response
fIN = 20 kHz
–0.03
dB
DIGITAL FILTER PERFORMANCE
Passband
0.445 fs
Stopband
0.555 fs
Hz
Passband ripple
±0.1
Stopband attenuation
–43
dB
Delay time
14.3 fs
s
POWER SUPPLY REQUIREMENTS
VCC
Voltage range
2.1
2.4
3.6
VDC
ADC, DAC operation,
13.2
17
ADC operation
8.1
10.5
mA
Supply current
DAC operation
VCC = 2.4 V
5.6
7.5
mA
ADC, DAC power down(7)
20
50
µA
ADC, DAC operation,
31.7
40.8
ADC operation
19.4
25.2
mW
Power dissipation
DAC operation
VCC = 2.4 V
13.4
18
mW
ADC, DAC power down(7)
48
120
µW
TEMPERATURE RANGE
fs > 24 kHz
–25
85
°
Operation temperature
VCC = VMIN to VMAX
fs < 24 kHz
–25
70
°C
θJA
Thermal resistance
16-pin TSSOP
150
°C/W
6. fIN = 1 kHz, using audio precision system II, RMS mode with 20 kHz LPF, 400 Hz HPF.
7. SYSCK, BCK, LRCK are stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com