Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF3220AIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # REF3220AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3220AIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  REF3220AIDBVT Datasheet HTML 1Page - Texas Instruments REF3220AIDBVT Datasheet HTML 2Page - Texas Instruments REF3220AIDBVT Datasheet HTML 3Page - Texas Instruments REF3220AIDBVT Datasheet HTML 4Page - Texas Instruments REF3220AIDBVT Datasheet HTML 5Page - Texas Instruments REF3220AIDBVT Datasheet HTML 6Page - Texas Instruments REF3220AIDBVT Datasheet HTML 7Page - Texas Instruments REF3220AIDBVT Datasheet HTML 8Page - Texas Instruments REF3220AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the listed temperature range.
At TA = +25°C, ILOAD = 0mA, and VIN = 5V, unless otherwise noted.
REF32xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF3212 (1.25V)
OUTPUT VOLTAGE, VOUT
1.2475
1.25
1.2525
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
17
µVPP
Voltage noise
f = 10Hz to 10kHz
24
µVRMS
REF3220 (2.048V)
OUTPUT VOLTAGE, VOUT
2.044
2.048
2.052
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
27
µVPP
Voltage noise
f = 10Hz to 10kHz
39
µVRMS
REF3225 (2.5V)
OUTPUT VOLTAGE, VOUT
2.495
2.50
2.505
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
33
µVPP
Voltage noise
f = 10Hz to 10kHz
48
µVRMS
REF3230 (3V)
OUTPUT VOLTAGE, VOUT
2.994
3
3.006
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
39
µVPP
Voltage noise
f = 10Hz to 10kHz
57
µVRMS
REF3233 (3.3V)
OUTPUT VOLTAGE, VOUT
3.293
3.3
3.307
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
43
µVPP
Voltage noise
f = 10Hz to 10kHz
63
µVRMS
REF3240 (4.096V)
OUTPUT VOLTAGE, VOUT
4.088
4.096
4.104
V
Initial accuracy
–0.2
0.01
0.2
%
NOISE
Output voltage noise
f = 0.1Hz to 10Hz
53
µVPP
Voltage noise
f = 10Hz to 10kHz
78
µVRMS
Copyright
© 2005–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com