Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM74104MA/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # SM74104MA/NOPB.B
Description  SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM74104MA/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  SM74104MA/NOPB.B Datasheet HTML 1Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 2Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 3Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 4Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 5Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 6Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 7Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 8Page - Texas Instruments SM74104MA/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
VDD
HB
HO
HS
LO
VSS
IN
RT
1
10
2
9
3
8
4
7
NC
NC
5
6
VDD
HB
HO
HS
LO
VSS
IN
RT
1
8
2
7
3
6
4
5
SOIC-8
SM74104
www.ti.com
SNOSBA3D – JUNE 2011 – REVISED MAY 2015
5 Pin Configuration and Functions
8-Pin SOIC
Package D
Top View
10-Pin WSON
Package DPR
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
D
DPR
VDD
1
1
I
Positive supply voltage input.
HB
2
2
I
Positive connection for high-side bootstrap capacitor.
HO
3
3
O
High-side output to drive the top MOSFET.
HS
4
4
I
Switch node pin.
RT
5
7
I
Delay timer pin. The additional delay of the timer prevents lower and upper
MOSFETs from conducting simultaneously, thereby preventing shoot-through.
Timer delay is set with a resistor to ground.
IN
6
8
I
PWM control input for LO and HO outputs.
VSS
7
9
-
Ground pin.
LO
8
10
O
Low-side output to drive the bottom MOSFET.
N/C
-
5, 6
-
No connect.
Exposed Pad
-
Exposed
-
The exposed die attach pad (DAP) on the 10-pin WSON package functions as
Pad
a thermal connection and can be soldered to a copper plane under the device.
The DAP nas no direct electrical connection to any of the pins. It can be left
floating, but it is recommended to connect this to VSS.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM74104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com