Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CBT16811CDGGR.B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74CBT16811CDGGR.B
Description  24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT16811CDGGR.B Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT16811CDGGR.B Datasheet HTML 1Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 2Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 3Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 4Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 5Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 6Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 7Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 8Page - Texas Instruments SN74CBT16811CDGGR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74CBT16811C
24BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS118C − JANUARY 2003 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Control inputs
VCC = 4.5 V,
IIN = −18 mA
−1.8
V
VIKU
Data inputs
VCC = 5 V,
0 mA
> II ≥ −50 mA,
VIN = VCC or GND,
Switch OFF
−2
V
VO(USP)‡
VCC = BIASV = 5 V,
II = −10 mA,
VIN = VCC or GND,
Switch OFF
3
V
VO
B port
VCC = 0 V,
BIASV = Vx,
IO = 0
Vx−0.1
Vx
V
IIN
Control inputs
VCC = 5.5 V,
VIN = VCC or GND
±1
µA
IO
B port
VCC = 4.5 V,
BIASV = 2.4 V,
VO = 0,
Switch OFF,
VIN = VCC or GND
0.25
mA
IOZ§
VCC = 5.5 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±10
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
10
µA
ICC
VCC = 5.5 V,
II/O = 0,
VIN = VCC or GND,
Switch ON or OFF
3
µA
∆ICC¶
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Cin
Control inputs
VIN = 3 V or 0
4.5
pF
Cio(OFF) A port
VI/O = 3 V or 0,
Switch OFF,
VIN = VCC or GND
5.5
pF
Cio(ON)
VI/O = 3 V or 0,
Switch ON,
VIN = VCC or GND
15.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
IO = −15 mA
8
12
ron#
VI = 0
IO = 64 mA
3
6
Ω
ron#
VCC = 4.5 V
VI = 0
IO = 30 mA
3
6
Ω
VCC = 4.5 V
VI = 2.4 V,
IO = −15 mA
5
10
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ VO(USP) = A-port undershoot static protection.
§ For I/O ports, the parameter IOZ includes the input leakage current.
¶ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
# Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
TEST
CONDITIONS
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
CONDITIONS
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd||
A or B
B or A
0.24
0.15
ns
tPZH
BIASV = GND
OE
A or B
6.5
1.5
6
ns
tPZL
BIASV = 3 V
OE
A or B
6.5
1.5
6
ns
tPHZ
BIASV = GND
OE
A or B
6.5
1.5
6
ns
tPLZ
BIASV = 3 V
OE
A or B
6.5
1.5
6
ns
|| The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com