Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G79 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC1G79
Description  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G79 Datasheet HTML 4Page - Texas Instruments SN74LVC1G79 Datasheet HTML 5Page - Texas Instruments SN74LVC1G79 Datasheet HTML 6Page - Texas Instruments SN74LVC1G79 Datasheet HTML 7Page - Texas Instruments SN74LVC1G79 Datasheet HTML 8Page - Texas Instruments SN74LVC1G79 Datasheet HTML 9Page - Texas Instruments SN74LVC1G79 Datasheet HTML 10Page - Texas Instruments SN74LVC1G79 Datasheet HTML 11Page - Texas Instruments SN74LVC1G79 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data (D) Input Voltage [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
ICCv
VCC = 1.8 V
VCC = 2.5 V
Data (D) Input Voltage [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
2
4
6
8
10
12
14
16
18
20
ICCv
VCC = 3.3 V
VCC = 5.0 V
8
SN74LVC1G79
SCES220U – APRIL 1999 – REVISED APRIL 2017
www.ti.com
Product Folder Links: SN74LVC1G79
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
6.12 Typical Characteristics
This plot shows the different ICC values for various voltages on the data input (D). Voltage sweep on the input is from 0 V to
6.5 V.
VCC = 1.8 V
VCC = 2.5 V
Figure 1. Supply Current (ICC) vs Data (D) Input Voltage
VCC = 3.3 V
VCC = 5 V
Figure 2. Supply Current (ICC) vs Data (D) Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com