Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75DP118RHHT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75DP118RHHT
Description  DisplayPort 1:1 Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75DP118RHHT Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP118RHHT Datasheet HTML 1Page - Texas Instruments SN75DP118RHHT Datasheet HTML 2Page - Texas Instruments SN75DP118RHHT Datasheet HTML 3Page - Texas Instruments SN75DP118RHHT Datasheet HTML 4Page - Texas Instruments SN75DP118RHHT Datasheet HTML 5Page - Texas Instruments SN75DP118RHHT Datasheet HTML 6Page - Texas Instruments SN75DP118RHHT Datasheet HTML 7Page - Texas Instruments SN75DP118RHHT Datasheet HTML 8Page - Texas Instruments SN75DP118RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
Computer/Notebook/Docking Station
GPU
SN75DP118
DisplayPort
DVI
HDMI
Enabled
Monitor or HDTV
DP++
DP++
SN75DP118
www.ti.com ................................................................................................................................................ SLLS916B – SEPTEMBER 2008 – REVISED APRIL 2009
DisplayPort 1:1 Buffer
• Personal Computer Market
• Supports Data Rates up to 2.7 Gbps
–
Desktop PC
• Supports Dual-Mode DisplayPort
–
Notebook PC
• Output Waveform Mimics Input Waveform
–
Docking Station
Characteristics
–
Standalone Video Card
• Enhanced ESD: 12 KV on all pins
• Enhanced Commercial Temperature Range:
0°C to 85°C
• 36 Pin 6 × 6 QFN Package
The SN75DP118 is a one Dual-Mode DisplayPort input to one Dual-Mode DisplayPort output. The output follows
the input signal in a manner that provides the highest level of signal integrity while supporting the EMI benefits of
spread spectrum clocking. The SN75DP118 data rates of up to 2.7 Gbps through each link for a total throughput
of up to 10.8 Gbps can be realized.
In addition to the DisplayPort high speed signal lines, the SN75DP118 also supports the Hot Plug Detect (HPD)
and Cable Adapter Detect (CAD) channels.
The SN75DP118 is characterized for operation over ambient air temperature of 0°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75DP118RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118RHHT TI-SN75DP118RHHT Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118RHHT TI-SN75DP118RHHT Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP118RHHTG4 TI-SN75DP118RHHTG4 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
More results

Similar Description - SN75DP118RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
DisplayPort 1:1 Dual-Mode Repeater
logo
NXP Semiconductors
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
DisplayPort 1:1 Signal Repeater and Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com