Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6052/3 Datasheet(PDF) 14 Page - Texas Instruments

Part # THS6052/3
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6052/3 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS6052/3 Datasheet HTML 10Page - Texas Instruments THS6052/3 Datasheet HTML 11Page - Texas Instruments THS6052/3 Datasheet HTML 12Page - Texas Instruments THS6052/3 Datasheet HTML 13Page - Texas Instruments THS6052/3 Datasheet HTML 14Page - Texas Instruments THS6052/3 Datasheet HTML 15Page - Texas Instruments THS6052/3 Datasheet HTML 16Page - Texas Instruments THS6052/3 Datasheet HTML 17Page - Texas Instruments THS6052/3 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
14X (1.5)
14X (0.45)
12X (0.65)
(5.8)
(R0.05) TYP
(3.4)
NOTE 9
(5)
NOTE 9
(1.1) TYP
(0.6)
(1.2) TYP
(
0.2) TYP
VIA
(2.6)
(2.59)
PowerPAD TSSOP - 1.2 mm max height
PWP0014K
SMALL OUTLINE PACKAGE
4229706/B 12/2023
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
10. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged
or tented.
TM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 12X
SYMM
SYMM
1
7
8
14
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
SEE DETAILS
15
15.000
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com