Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCAN0805H1000FST1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PCAN0805H1000FST1
Description  High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PCAN0805H1000FST1 Datasheet(HTML) 1 Page - Vishay Siliconix

  PCAN0805H1000FST1 Datasheet HTML 1Page - Vishay Siliconix PCAN0805H1000FST1 Datasheet HTML 2Page - Vishay Siliconix PCAN0805H1000FST1 Datasheet HTML 3Page - Vishay Siliconix PCAN0805H1000FST1 Datasheet HTML 4Page - Vishay Siliconix PCAN0805H1000FST1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PCAN
www.vishay.com
Vishay Dale Thin Film
Revision: 19-Apr-16
1
Document Number: 60125
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Aluminum Nitride, Wraparound Surface Mount,
Precision Thin Film Chip Resistor (up to 6 W)
PCAN series chip resistors are designed on aluminum
nitride
ceramic
substrates
with
enlarged
backside
terminations to reduce the thermal resistance between the
topside resistor layer and the solder joint on the end users
circuit assembly.
Actual power handling capability is limited by the end user
mounting process. As with any high power chip resistor the
ability to remove the heat is critical to the overall
performance of the device.
FEATURES
• High thermal conductivity aluminum nitride
substrate
• Power rating up to 6.0 W
• Resistance range 2
 to 30.1 k
• Resistor tolerance to ± 0.1 %
• TCR to ± 25 ppm/°C
• Flame resistant UL 94 V-0
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
APPLICATIONS
• Power supplies
• Power switching
• Braking system
TYPICAL PERFORMANCE
Note
(1) Dependant on component mounting by user.
Note
(2) Dependant on component mounting by user.
ABSOLUTE
TCR
25
TOL.
0.1
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
2
 to 30.1 k
-
TCR: Absolute
25 ppm/°C (standard) and 100 ppm/°C
-
Tolerance: Absolute
0.1 %, 0.25 %, 0.5 %, 1.0 % and 5.0 %
-55 °C to +150 °C
Power Rating: Resistor
0.5 W to 6.0 W (1)
Maximum at +70 °C
Stability: Absolute
R 1.0 %
1000 h at +70 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
< -30 dB
-
Shelf Life Stability: Absolute
± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0603
500 (2)
75
2 to 30.1K
0805
1000 (2)
100
2 to 30.1K
1206
2000 (2)
200
2 to 30.1K
2512
6000 (2)
200
2 to 30.1K


Similar Part No. - PCAN0805H1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PCAN0805H1000FST1 VISHAY-PCAN0805H1000FST1 Datasheet
119Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
23-Oct-2019
More results

Similar Description - PCAN0805H1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHP VISHAY-PHP Datasheet
132Kb / 4P
High Power Thin Film Wraparound Chip Resistor
24-Feb-11
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
20-Mar-12
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PCAN VISHAY-PCAN Datasheet
94Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount,Precision Thin Film Chip Resistor (up to 6 W)
07-Aug-14
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
PCNM VISHAY-PCNM Datasheet
102Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Non-Magnetic Chip Resistor (up to 6 W)
15-Jun-16
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
logo
Stackpole Electronics, ...
RTAN SEI-RTAN Datasheet
351Kb / 6P
Tantalum Nitride Thin Film Chip Resistor
7/1/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com