Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCAN0603E10R0FST3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PCAN0603E10R0FST3
Description  High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PCAN0603E10R0FST3 Datasheet(HTML) 3 Page - Vishay Siliconix

  PCAN0603E10R0FST3 Datasheet HTML 1Page - Vishay Siliconix PCAN0603E10R0FST3 Datasheet HTML 2Page - Vishay Siliconix PCAN0603E10R0FST3 Datasheet HTML 3Page - Vishay Siliconix PCAN0603E10R0FST3 Datasheet HTML 4Page - Vishay Siliconix PCAN0603E10R0FST3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCAN
www.vishay.com
Vishay Dale Thin Film
Revision: 19-Apr-16
3
Document Number: 60125
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Chip surface temperature measured using FLIR SC645 thermal
imaging
system
with
an
approximate
testcard
surface
temperature of 75 °C.
Note
• Chip surface temperature measured using FLIR SC645 thermal
imaging
system
with
an
approximate
testcard
surface
temperature of 75 °C.
Note
• Chip surface temperature measured using FLIR SC645 thermal
imaging system with an approximate test card surface
temperature of 85 °C.
•Thermal imaging was conducted under ambient conditions
resulting in a steady state test card surface temperature of 85 °C
over the full range of power levels.
• Thermal imaging and load life testing was conducted mounting
one device to a 1.6" x 3.7" test card with 3.5 mil copper plating
on both surfaces. Thermal vias on 50 mil centers were utilized for
heat transfer between surfaces of the test card.
Note
• Chip surface temperature measured using FLIR SC645 thermal
imaging system with an approximate test card surface
temperature of 85 °C.
STANDARD MATERIAL SPECIFICATIONS
Resistive element
Passivated nichrome
Substrate material
Aluminum nitride
Terminations (Tin/lead)
Tin/lead solder over nickel barrier
Terminations (Lead (Pb)-free)
Tin/silver/copper (Sn96.5/Ag3.0/Cu0.5) solder over nickel barrier
PCAN0603 CHIP TEMP VS. APPLIED POWER
70
150
200
Chip Surface Temperature Temperature (°C)
200
Ω
20
Ω
7.0
6.0
4.0
3.0
2.0
1.0
0.0
5.0
PCAN0805 CHIP TEMP VS. APPLIED POWER
70
150
200
Chip Surface Temperature Temperature (°C)
200
Ω
50
Ω
8.0
6.0
4.0
3.0
2.0
1.0
0.0
5.0
7.0
PCAN1206 CHIP TEMP VS. APPLIED POWER
70
150
200
Chip Surface Temperature Temperature (°C)
12.0
10.0
8.0
6.0
4.0
2.0
0.0
175
Ω
30
Ω
PCAN2512 CHIP TEMP VS. APPLIED POWER
70
150
200
Chip Surface Temperature Temperature (°C)
12.0
10.0
8.0
6.0
4.0
2.0
0.0
150
Ω
30
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com