Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD4E002DRLR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD4E002DRLR
Description  TPD4E002 Quad Low-Capacitance Array with ±15-kV ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4E002DRLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4E002DRLR Datasheet HTML 3Page - Texas Instruments TPD4E002DRLR Datasheet HTML 4Page - Texas Instruments TPD4E002DRLR Datasheet HTML 5Page - Texas Instruments TPD4E002DRLR Datasheet HTML 6Page - Texas Instruments TPD4E002DRLR Datasheet HTML 7Page - Texas Instruments TPD4E002DRLR Datasheet HTML 8Page - Texas Instruments TPD4E002DRLR Datasheet HTML 9Page - Texas Instruments TPD4E002DRLR Datasheet HTML 10Page - Texas Instruments TPD4E002DRLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
xx
xx
IO1
IO2
IO3
IO4
GND
7
TPD4E002
www.ti.com
SLVS615F – JULY 2006 – REVISED DECEMBER 2016
Product Folder Links: TPD4E002
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD4E002 is a four-channel TVS protection diode array. The TPD4E002 is rated to dissipate contact ESD
strikes of ±15 kV, beyond Level 4 as specified in the IEC 61000-4-2 international standard. This device has an
11-pF I/O capacitance per channel, making it ideal for use in data I/O interfaces of up to 100 MHz.
7.2 Functional Block Diagram
7.3 Feature Description
The TPD4E002 is a TVS that provides ESD protection for up to four channels, withstanding up to ±15-kV contact
ESD per IEC 61000-4-2 and 2.5-A peak pulse current per IEC 61000-4-5. The monolithic technology yields
exceptionally small variations in capacitance between any I/O pin of the TPD4E002. The small footprint is ideal
for applications where space-saving designs are important.
7.4 Device Functional Modes
The TPD4E002 device is a passive integrated circuit that triggers when voltages are above VBR or below the
diodes VF of approximately –0.5 V. During ESD events, voltages as high as ±15-kV contact ESD can be directed
to ground through the internal diodes. Once the voltages on the protected line fall below the trigger levels of
TPD4E002 (usually within tens of nano seconds) the device reverts to its high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com