Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS22981RGPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS22981RGPR
Description  TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS22981
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for V3P3 = 3.3 V, VHV = 15 V, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSITION DELAYS
T3P3OFF
VHV to V3P3 OFF-time
COUT = 1.1 µF, EN = 1, HV_EN = 1→0
6
ms
T0-3.3V
0-V to 3.3-V ramp time
COUT ≤ 20 pF
6
ms
T3.3V-VHV
3.3-V to VHV ramp time
COUT ≤ 20 pF
6
ms
TVHV-3.3V
VHV to 3.3-V ramp time
COUT ≤ 20 pF
23
ms
TLIM
Overcurrent response time
COUT ≤ 20 pF, IOUT = 6 A
0.5
ms
6.6 Dissipation Ratings
PACKAGE
POWER RATING(1)
POWER RATING(1)
DERATING FACTOR ABOVE(2)
TA = 25°C
TA = 70°C
TA = 25°C
RGP
2.16 W
1.02 W
25.4 mW/°C
(1)
Simulated with high-K board
(2)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / θJA.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com