Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT4H-TL30/147 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # PLT4H-TL30/147
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT4H-TL30/147 Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button PLT4H-TL30/147 Datasheet HTML 2Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 3Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 4Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 5Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 6Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 7Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 8Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 9Page - PANDUIT CORP. PLT4H-TL30/147 Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Representative offering only, visit www.panduit.com for complete listing of products.
The Pan-Ty® Double Clamp cable ties provide a cost effective
way secure and separate parallel hoses, tubing, wires and wiring
bundles in an easy to install one-piece design. The Double
Clamp cable tie has a strong 150 lbs. loop tensile strength to
provide secure support for even high load applications. This new
cable tie is ideal for heavy duty applications such as Truck and
Heavy Equipment.
Applications
• Underhood hose and harness routing
• Areas where bundles must be secured parallel to each other
or another element
Solution
Looking for a labor saving alternative to butterflied cushioned
clamps when securing hoses and wire bundles? Panduit's
Multiple Loop Cable Ties are the perfect solution
Features
• Offers multiple loop capability
• Prevents bundle damage with a strap body that spreads the
clamping forces
• Provides high tensile strength to route bundles securely
• Installs easily by hand - uses PANDUIT® tooling for repeatable
tension and cutoff
• Reduces part number inventory with a single product to cover
multiple bundle sizes
Part Number
Max. Bundle Dia.
Length
Width
Thickness
Min. Loop
Tensile
Recommended
Installation Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
lb.
N
PLDC1.5EH-C350
1.3
33
13.1 332.7
0.5
12.73 0.057
1.5
150 667.2 GS4EH-E, PPTEH
100
500
PLDC2.5EH-C350
2.3
58.4
19.28
489
0.5
12.73 0.057
1.5
150 667.2 GS4EH-E, PPTEH
100
500
Pan-Ty® Double Clamp Cable Ties
Heavy Duty Double Clamp Cable Ties
Double Loop Cable Ties
Part Number
Max. Combined
Bundle Dia.
D1 + D2 + D3
Length
Width
Thickness
Min. Loop
Tensile Str.
Recommended
Installation Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Extra-Heavy Cross Section
PL3B5EH-C0
5.00
127
20.0
508
0.500
12.7
0.075
1.9
125
556
GS4EH-E, ST3EH
100
1000
E
A
B
C
D
D1
D2
D3
F
Part Number
Max. Combined Bundle
Dia. D1 + D2
Length
Width Thickness
Min. Loop
Tensile Str.
Recommended
Installation Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In. mm In. mm In. mm Lbs.
N
Light-Heavy Cross Section
PLB4H-TL
3.60
91
14.7 373 0.300 7.6 0.075 1.9 120 534 GTH-E, GS4H-E, GS4EH-E, PTH, STH2, ST3EH 250 2500
Weather Resistant Nylon 6.6 - Light-Heavy Cross Section
PLB4H-TL0
3.60
91
14.7 373 0.300 7.6 0.075 1.9 120 534 GTH-E, GS4H-E, GS4EH-E, PTH, STH2, ST3EH 250 2500
Triple Loop Cable Ties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com