Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7705 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 2 Page - Analog Devices

  AD7705 Datasheet HTML 1Page - Analog Devices AD7705 Datasheet HTML 2Page - Analog Devices AD7705 Datasheet HTML 3Page - Analog Devices AD7705 Datasheet HTML 4Page - Analog Devices AD7705 Datasheet HTML 5Page - Analog Devices AD7705 Datasheet HTML 6Page - Analog Devices AD7705 Datasheet HTML 7Page - Analog Devices AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
AD7705/AD7706
Rev. C | Page 2 of 44
TABLE OF CONTENTS
Features .............................................................................................. 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
Product Highlights ........................................................................... 4
Specifications..................................................................................... 5
Timing Characteristics ................................................................ 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Output Noise (5 V Operation)...................................................... 12
Output Noise (3 V Operation)...................................................... 13
Typical Performance Characteristics ........................................... 14
On-Chip Registers .......................................................................... 16
Communication Register (RS2, RS1, RS0 = 0, 0, 0)............... 16
Setup Register (RS2, RS1, RS0 = 0, 0, 1); Power-On/Reset
Status: 01 Hexadecimal .............................................................. 17
Clock Register (RS2, RS1, RS0 = 0, 1, 0); Power-On/Reset
Status: 05 Hexadecimal .............................................................. 19
Data Register (RS2, RS1, RS0 = 0, 1, 1) ................................... 20
Test Register (RS2, RS1, RS0 = 1, 0, 0); Power-On/Reset
Status: 00 Hexadecimal .............................................................. 20
Zero-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 0);
Power-On/Reset Status: 1F4000 Hexadecimal ........................... 20
Full-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 1);
Power-On/Reset Status: 5761AB HexaDecimal......................... 20
Circuit Description......................................................................... 21
Analog Input ............................................................................... 22
Bipolar/Unipolar Input .............................................................. 22
Reference Input........................................................................... 23
Digital Filtering........................................................................... 23
Analog Filtering.......................................................................... 25
Calibration................................................................................... 25
Theory of Operation ...................................................................... 28
Clocking and Oscillator Circuit ............................................... 28
System Synchronization ............................................................ 28
RESET Input ............................................................................... 29
Standby Mode ............................................................................. 29
Accuracy ...................................................................................... 29
Drift Considerations .................................................................. 29
Power Supplies ............................................................................ 30
Supply Current............................................................................ 30
Grounding and Layout .............................................................. 30
Evaluating the Performance...................................................... 31
Digital Interface.......................................................................... 31
Configuring the AD7705/AD7706 .......................................... 33
Microcomputer/Microprocessor Interfacing ......................... 34
Code For Setting Up the AD7705/AD7706............................ 35
Applications..................................................................................... 38
Pressure Measurement............................................................... 38
Temperature Measurement ....................................................... 39
Smart Transmitters..................................................................... 40
Battery Monitoring .................................................................... 41
Outline Dimensions ....................................................................... 42
Ordering Guide .......................................................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com