| Electronic Components Datasheet Search |
|
ADM239L Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM239L Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() ADM231L–ADM234L/ADM236L–ADM241L Rev. C | Page 16 of 20 1.290 (32.77) 1.150 (31.57) 0.580 (14.73) 0.485 (12.32) 0.165 (4.19) 0.160 (4.06) 0.155 (3.93) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.610 (15.49) 0.600 (15.24) 0.590 (14.99) 0.015 (0.38) MIN 0.210 (5.34) MAX SEATING PLANE 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 0.200 (5.08) 0.115 (2.92) 24 1 12 13 PIN 1 CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-011-AA Figure 42. 24-Lead Plastic Dual In-Line Package [PDIP] Wide Body (N-24-2) Dimensions shown in inches and (millimeters) 24 11 2 13 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 15° 0° 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 1.280 (32.51) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN Figure 43. 24-Lead Ceramic Dual in-Line Package [CERDIP] (Q-24) Dimensions shown in inches and (millimeters) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AD 8° 0° 0.75 (0.0295) 0.25 (0.0098) × 45° 1.27 (0.0500) 0.40 (0.0157) 0.33 (0.0130) 0.20 (0.0079) SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.020) 0.31 (0.012) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 24 13 12 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 15.60 (0.6142) 15.20 (0.5984) COPLANARITY 0.10 Figure 44. 24-Lead Standard Small Outline Package [SOIC] Wide Body (R-24) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AE 0.33 (0.0130) 0.20 (0.0079) 8° 0° 0.75 (0.0295) 0.25 (0.0098) × 45° 1.27 (0.0500) 0.40 (0.0157) SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 28 15 14 1 18.10 (0.7126) 17.70 (0.6969) 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) COPLANARITY 0.10 Figure 45. 28-Lead Standard Small Outline Package [SOIC] Wide Body (R-28) Dimensions shown in millimeters and (inches) 0.25 0.09 0.95 0.75 0.55 8° 4° 0° 0.05 MIN 1.85 1.75 1.65 2.00 MAX 0.38 0.22 SEATING PLANE 0.65 BSC COPLANARITY 0.10 28 15 14 1 10.50 10.20 9.90 5.60 5.30 5.00 8.20 7.80 7.40 PIN 1 COMPLIANT TO JEDEC STANDARDS MO-150AH Figure 46. 28-Lead Shrink Small Outline Package [SSOP] (RS-28) Dimensions shown in millimeters |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |