Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1625IPAPT.B Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1625IPAPT.B
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1625IPAPT.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1625IPAPT.B Datasheet HTML 2Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 3Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 4Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 5Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 6Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 7Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 8Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 9Page - Texas Instruments ADS1625IPAPT.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
6
DEFINITIONS
Absolute Input Voltage
Absolute input voltage, given in volts, is the voltage of each
analog input (AINN or AINP) with respect to AGND.
Aperture Delay
Aperture delay is the delay between the rising edge of CLK
and the sampling of the input signal.
Common-Mode Input Voltage
Common-mode input voltage (VCM) is the average voltage
of the analog inputs:
(AINP
) AINN)
2
Differential Input Voltage
Differential input voltage (VIN) is the voltage difference
between the analog inputs: (AINP−AINN).
Differential Nonlinearity (DNL)
DNL, given in least-significant bits (LSB) of the output
code, is the maximum deviation of the output code step
sizes from the ideal value of 1LSB.
Full-Scale Range (FSR)
FSR is the difference between the maximum and minimum
measurable
input
signals.
For
the
ADS1625,
FSR = 2
× 1.467VREF.
Gain Error
Gain error, given in %, is the error of the full-scale input
signal with respect to the ideal value.
Gain Error Drift
Gain error drift, given in ppm/
_C, is the drift over
temperature of the gain error. The gain error is specified as
the larger of the drift from ambient (TA = 25_C) to the
minimum or maximum operating temperatures.
Integral Nonlinearity (INL)
INL, given in least significant bits (LSB) of the output code,
is the maximum deviation of the output codes from a best-
fit line.
Intermodulation Distortion (IMD)
IMD, given in dB, is measured while applying two input
signals of the same magnitude, but with slightly different
frequencies. It is calculated as the difference between the
rms amplitude of the input signal to the rms amplitude of
the peak spurious signal.
Offset Error
Offset Error, given in % of FSR, is the output reading when
the differential input is zero.
Offset Error Drift
Offset error drift, given in ppm of FSR/
_C, is the drift over
temperature of the offset error. The offset error is specified
as the larger of the drift from ambient (TA = 25_C) to the
minimum or maximum operating temperatures.
Signal-to-Noise Ratio (SNR)
SNR, given in dB, is the ratio of the rms value of the input
signal to the sum of all the frequency components below
fCLK/2 (the Nyquist frequency) excluding the first six
harmonics of the input signal and the dc component.
Signal-to-Noise and Distortion (SINAD)
SINAD, given in dB, is the ratio of the rms value of the input
signal to the sum of all the frequency components below
fCLK/2 (the Nyquist frequency) including the harmonics of
the input signal but excluding the dc component.
Spurious Free Dynamic Range (SFDR)
SFDR, given in dB, is the difference between the rms
amplitude of the input signal to the rms amplitude of the
peak spurious signal.
Total Harmonic Distortion (THD)
THD, given in dB, is the ratio of the sum of the rms value
of the first six harmonics of the input signal to the rms value
of the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com