Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD54HC164F.A Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC164F.A
Description  CDx4HC164, CDx4HCT164 High-Speed CMOS Logic 8-Bit Serial-In, Parallel-Out Shift Register
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC164F.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC164F.A Datasheet HTML 3Page - Texas Instruments CD54HC164F.A Datasheet HTML 4Page - Texas Instruments CD54HC164F.A Datasheet HTML 5Page - Texas Instruments CD54HC164F.A Datasheet HTML 6Page - Texas Instruments CD54HC164F.A Datasheet HTML 7Page - Texas Instruments CD54HC164F.A Datasheet HTML 8Page - Texas Instruments CD54HC164F.A Datasheet HTML 9Page - Texas Instruments CD54HC164F.A Datasheet HTML 10Page - Texas Instruments CD54HC164F.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
4.6 Switching Characteristics
Input tr, tf = 6ns. CL = 50pF unless otherwise noted
PARAMETER
VCC (V)
25°C
– 40°C to
85°C
– 55°C to
125°C
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tPLH, tPHL
CLK to Q
2
170
212
255
ns
4.5
14(3)
34
43
51
ns
6
29
36
43
ns
tPLH, tPHL
CLR to Q
2
140
175
210
ns
4.5
11(3)
28
35
42
ns
6
24
30
36
ns
tTLH, tTHL
Output transition times
2
75
110
ns
4.5
15
22
ns
6
13
19
ns
fMAX
Maximum clock frequency
5
60(3)
ns
CIN
Input capacitance
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
5
47
pF
HCT TYPES
tPLH, tPHL
CLK to Q
4.5
36
45
54
ns
5
15(3)
tPLH, tPHL
CLR to Q
4.5
38
46
57
ns
5
16(3)
tTLH, tTHL
Output Transition time
4.5
15
19
22
ns
CIN
Input Capacitance
pF
fMAX
Maximum clock frequency
54(4)
MHz
CPD
Power dissipation capacitance(1) (2)
5
49
10
10
10
pF
(1)
CPD is used to determine the dynamic power consumption, per device.
(2)
PD = VCC 2fi + Σ (CL VCC 2 + fO) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
(3)
CL = 15pF. VCC = 5.
(4)
CL = 15pF.
www.ti.com
CD54HC164, CD74HC164, CD54HCT164, CD74HCT164
SCHS155E – NOVEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC164 CD74HC164 CD54HCT164 CD74HCT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com