Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

863005ATLF Datasheet(PDF) 21 Page - Amphenol Communications Solutions

Part # 863005ATLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

863005ATLF Datasheet(HTML) 21 Page - Amphenol Communications Solutions

Back Button 863005ATLF Datasheet HTML 15Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 16Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 17Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 18Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 19Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 20Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 21Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 22Page - Amphenol Communications Solutions 863005ATLF Datasheet HTML 23Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
TECHNICAL INFORMATION
• Material: Steel
• Plating: Bright tin
• Corrosion Resistance: 50 hours exposure to salt spray
• To obtain military plating (yellow chromate cadmium)
exclude «TLF» in the part number (ex: 863005A)
• Thread: UNC 4-40
25• LEVER LOCKS
Shell Size
Material
Plating
A
B
M3 Thread
UNC 4-40 Thread
Female
Male
Female
Male
E, A, B, C
Steel
Passivated
12.50
14.30
86303425LF
86552096LF
86303425060LF
86552098LF
• Material: Steel
• Plating: Passivated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com