Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AF2000K0B Datasheet(PDF) 11 Page - APEM

Part # PBAR5AF2000K0B
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AF2000K0B Datasheet(HTML) 11 Page - APEM

Back Button PBAR5AF2000K0B Datasheet HTML 7Page - APEM PBAR5AF2000K0B Datasheet HTML 8Page - APEM PBAR5AF2000K0B Datasheet HTML 9Page - APEM PBAR5AF2000K0B Datasheet HTML 10Page - APEM PBAR5AF2000K0B Datasheet HTML 11Page - APEM PBAR5AF2000K0B Datasheet HTML 12Page - APEM PBAR5AF2000K0B Datasheet HTML 13Page - APEM PBAR5AF2000K0B Datasheet HTML 14Page - APEM PBAR5AF2000K0B Datasheet HTML 15Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
APEM
www.apem.com
B2-139
B2
PBA series
Piezo switches Ø 22 (.866)
Overview
PBA
SERIES
Terminals
F
Flying leads
C
Cable
Colours / Materials
0
Natural anodized
1
Blue anodized
2
Black anodized
3
Green anodized
5
Gold anodized
6
Red anodized
B
Stainless steel 316L
Bold = standard
Ratings
000
Standard
002
1A 24VAC/DC
(NO pulse only,
function A)
Bushing / operator
All models with Ø 22 bushing
R2
Flat, operator height 3 mm (.118)
Not available w. illuminated ring.
R6
With finger location, operator
height 3 mm (.118). Not available
with illuminated ring.
RY
With chamfer, operator height
4,5 mm (.177). Available with thin
or large illuminated ring only.
RZ
Flat, operator height 4,5 mm
(.177). Available with thin or large
illuminated ring only.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Type of
illumination/voltage
Blank
Non-illuminated
C
thin ring - 5VDC
D
thin ring - 12VDC
E
thin ring - 24VDC
F
large ring - 5VDC
G
large ring - 12VDC
H
large ring - 24VDC
L *
dot - 5VDC
P *
dot - 12VDC
J *
dot - 24VDC
V *
dot - µcontroller driven
Y
thin ring - µcontroller
driven
Z
large ring - µcontroller
driven
* Dot illumination only
available with LED colours
0B, 0G, 0S, 0Y, 0W and SG.
For options not listed above, please contact APEM.
LED colours
Blank
Non-illum.
0B
Blue
0G
Green
0S
Red
0Y
Yellow
0W
White
SG
Red/green
(dot only)
2A
Red/green
2B
Red/yellow
2C
Red/blue
2D
Red/white
2E
Green/blue
2F
Green/yellow
2G
Green/white
2H
Blue/yellow
2I
Blue/white
2K
Yellow/white
LED colours (continued)
3A
Red/green/blue
3B
Red/green/yellow
3D
Red/green/white
3E
Red/blue/yellow
3F
Red/blue/white
3G
Red/yellow/white
3H
Green/blue/yellow
3I
Green/blue/white
3J
Green/yellow/white
3K
Blue/yellow/white
Mounting accessories
: standard hardware supplied :1 hex nut 10-856-0 (25 mm ac. flats) and 1 O-ring
Always add a ground washer U5737 when the panel is non-conductive (PVC, polycarbonate).
Packaging unit
: 20 pieces (flying lead terminals) or 25 pieces (cable terminals)
Electrical function
A
NO (pulse)
B
NC (pulse)
1
ON - OFF (requires external
power supply - Illumination
types V, Y and Z only -
only one LED colour)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com