Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSLF2520NP-1R5MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CSLF2520NP-1R5MC
Description  Power Inductors Type: CSLF Series>
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF2520NP-1R5MC Datasheet(HTML) 3 Page - Sumida Corporation

  CSLF2520NP-1R5MC Datasheet HTML 1Page - Sumida Corporation CSLF2520NP-1R5MC Datasheet HTML 2Page - Sumida Corporation CSLF2520NP-1R5MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductors <SMD Type: CSLF Series>
Type: CSLF2520
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part No.
Stamp
Inductance
(
µH) ※1
D.C.R.
(Ω)[Max.]
Qu
[Min.] ※
1
Self Resonance
Frequency
(MHz)[Min.]
Rated
Current(mA)
※
2
CSLF2520NP-560MC
BE
56±20%
4.9
40
10
85
CSLF2520NP-560KC
BF
56±10%
4.9
40
10
85
CSLF2520NP-680MC
BG
68±20%
5.5
40
9.0
80
CSLF2520NP-680KC
BH
68±10%
5.5
40
9.0
80
CSLF2520NP-820MC
BI
82±20%
6.2
40
8.5
70
CSLF2520NP-820KC
BK
82±10%
6.2
40
8.5
70
CSLF2520NP-101MC
BL
100±20%
7.0
40
8.0
80
CSLF2520NP-101KC
BM
100±10%
7.0
40
8.0
80
CSLF2520NP-121MC
BN
120±20%
8.0
40
7.5
75
CSLF2520NP-121KC
BO
120±10%
8.0
40
7.5
75
CSLF2520NP-151MC
BP
150±20%
9.3
40
7.0
70
CSLF2520NP-151KC
BQ
150±10%
9.3
40
7.0
70
CSLF2520NP-181MC
BR
180±20%
10.2
40
6.0
65
CSLF2520NP-181KC
BS
180±10%
10.2
40
6.0
65
CSLF2520NP-221MC
BT
220±20%
11.8
40
5.5
65
CSLF2520NP-221KC
BU
220±10%
11.8
40
5.5
65
CSLF2520NP-271MC
BV
270±20%
12.5
40
5.0
65
CSLF2520NP-271KC
BW
270±10%
12.5
40
5.0
65
CSLF2520NP-331MC
BX
330±20%
13.0
40
5.0
65
CSLF2520NP-331KC
BY
330±10%
13.0
40
5.0
65
CSLF2520NP-391MC
BZ
390±20%
22.0
50
5.0
50
CSLF2520NP-391KC
CA
390±10%
22.0
50
5.0
50
CSLF2520NP-471MC
CB
470±20%
25.0
50
5.0
45
CSLF2520NP-471KC
CC
470±10%
25.0
50
5.0
45
CSLF2520NP-561MC
CD
560±20%
28.0
50
5.0
40
CSLF2520NP-561KC
CE
560±10%
28.0
50
5.0
40
※
1 Measuring condition:
1.0μH~82μH
Inductance at 1MHz,0.1Vrms
Qu at 1MHz,0.1Vrms
100μH~390μH
Inductance at 1MHz,0.1Vrms Qu at 796kHz,0.1Vrms
470μH~560μH
Inductance at 1kHz,0.1Vrms
Qu at 796kHz,0.1Vrms
※
2 Rated current: The DC current at which the inductance decreases to 90% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com