Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAX-1/8 Datasheet(PDF) 16 Page - Red Lion Controls. Inc

Part # PAX-1/8
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAX-1/8 Datasheet(HTML) 16 Page - Red Lion Controls. Inc

Back Button PAX-1/8 Datasheet HTML 12Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 13Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 14Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 15Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 16Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 17Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 18Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 19Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 20Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
16
6.3 mOdule 3 - display and prOgram lOCK-OuT
parameTers ()
3-LOC
COdE
Lock-out
Rate Display
Factor x
Access
Scale
Count Load
Access
Counter x
Display
Lock-out
Counter x
Pro
Lock-out
Min Display
Lock-out
Max Display
Access
Setpoint 1-4
Security
Code
LO
HI
SP-n
CNt
PAR
rAtE
CNtLd
SCFAC
xx
x
d-LEV
Display
Intensity
Access
PARAMETER MENU
x = Counter A , Counter B, and then Counter C
n = Setpoints 1 to 4
Module 3 is the programming for Display lock-out and “Full” and “Quick”
Program lock-out.
When in the Display Mode, the available displays can be read consecutively
by repeatedly pressing the
DSP key. An annunciator indicates the display being
shown. These displays can be locked from being visible. It is recommended that
the display be set to  when the corresponding function is not used.
“Full” Programming Mode permits all parameters to be viewed and
modified. This Programming Mode can be locked with a security code and/or
user input. When locked and the
PAR key is pressed, the meter enters a Quick
Programming Mode. In this mode, setpoint, count load, scale factor values, and
the Display Intensity Level () parameter can still be read and/or changed
per the selections below.

 
COUNTER A B C DISPLAY LOCK-OUT
RATE DISPLAY LOCK-OUT
MAX. MIN. DISPLAY LOCK-OUT
These displays can be programmed for  or .

 

 






to 
The Count Load Values can be programmed for , , or .
The setpoint displays can be programmed for , , or  (See the
following table). Accessible only with the Setpoint option card installed.


COUNT LOAD A B C ACCESS LOCK-OUT




The Scale Factor values can be programmed for , , or .


SCALE FACTOR A B C ACCESS LOCK-OUT


Entry of a non-zero value will cause the prompt  to appear when trying to
access the “Full” Programming Mode. Access will only be allowed after entering
a matching security code or universal code of . With this lock-out, a user input
would not have to be configured for Program Lock-out. However, this lock-out is
overridden by an inactive user input configured for Program Lock-out.
SECURITY CODE





SETPOINT 1 to 4 ACCESS LOCK-OUT






PROGRAMMING MODE ACCESS
SECURITY
CODE
USER INPUT
CONFIGURED
USER INPUT
STATE
WHEN PAR KEY IS
PRESSED
“FULL” PROGRAMMING MODE ACCESS
0
not 
————
“Full” Programming
Immediate access.
>0
not 
————
Quick Programming
After Quick Programming with correct code # at  prompt.
>0

Active
Quick Programming
After Quick Programming with correct code # at  prompt.
>0

Not Active
“Full” Programming
Immediate access.
0

Active
Quick Programming
No access
0

Not Active
“Full” Programming
Immediate access.
Throughout this document, Programming Mode (without Quick in front) always refers to “Full” Programming (all meter parameters are accessible).
Shaded areas represent program access that is model dependent.
Shaded areas are model dependent.
Not visible in Display Mode

Visible in Display Mode

DESCRIPTION
SELECTION
Not visible in Quick Programming Mode
Visible and changeable in Quick Programming Mode
Visible but not changeable in Quick Programming Mode
DESCRIPTION
SELECTION



The Display Intensity Level can be programmed for

, , or .
DISPLAY INTENSITY ACCESS LOCK-OUT





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com