Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPT Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS1610IPAPT
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1610IPAPT Datasheet HTML 1Page - Texas Instruments ADS1610IPAPT Datasheet HTML 2Page - Texas Instruments ADS1610IPAPT Datasheet HTML 3Page - Texas Instruments ADS1610IPAPT Datasheet HTML 4Page - Texas Instruments ADS1610IPAPT Datasheet HTML 5Page - Texas Instruments ADS1610IPAPT Datasheet HTML 6Page - Texas Instruments ADS1610IPAPT Datasheet HTML 7Page - Texas Instruments ADS1610IPAPT Datasheet HTML 8Page - Texas Instruments ADS1610IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
¨
FEATURES
APPLICATIONS
DESCRIPTION
VREFP
AINP
AINN
VREFN
∆Σ
Modulator
Digital
Filter
Parallel
Interface
Bias Circuits
VMID
RBIAS
VCAP
AVDD
AGND
DGND
DVDD
PD
SYNC
CLK
MODE0
MODE1
RD
DRDY
OTR
DOUT[15:0]
ADS1610
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
16-Bit, 10 MSPS
ANALOG-TO-DIGITAL CONVERTER
The ADS1610
∆Σ topology provides key system-level
design advantages with respect to anti-alias filtering
•
High-Speed, Wide Bandwidth
∆Σ ADC
and clock jitter. The design of the user's front-end
•
10MSPS Output Data Rate
anti-alias filter is simplified since the on-chip digital
filter greatly attenuates out-of-band signals. The
•
4.9MHz Signal Bandwidth
ADS1610s filter has a brick wall response with a very
•
86dBFS Signal-to-Noise Ratio
flat
passband
(±0.0002dB
of
ripple)
followed
•
–94dB Total Harmonic Distortion
immediately by a very wide stop band (5MHz to
•
95dB Spurious-Free Dynamic Range
55MHz). Clock jitter becomes especially critical when
digitizing high frequency, large-amplitude signals.
•
On-Chip Digital Filter Simplifies Anti-Alias
The
ADS1610
significantly
reduces
clock
jitter
Requirements
sensitivity by an effective averaging of clock jitter as
•
SYNC Pin for Simultaneous Sampling with
a result of oversampling the input signal.
Multiple ADS1610s
Output data is supplied over a parallel interface and
•
Low 3
µs Group Delay
easily connects to TMS320 digital signal processors
•
Parallel Interface
(DSPs). The power dissipation can be adjusted with
an external resistor, allowing for reduction at lower
•
Directly Connects to TMS320 DSPs
operating speeds.
•
Out-of-Range Alert Pin
With its outstanding high-speed performance, the
ADS1610 is well-suited for demanding applications in
data acquisition, scientific instruments, test and
•
Scientific Instruments
measurement equipment, and communications. The
•
Test Equipment
ADS1610 is offered in a TQFP64 package and is
•
Communications
specified from –40°C to 85°C.
The
ADS1610
is
a
high-speed,
high-precision,
delta-sigma (
∆Σ) analog-to-digital converter (ADC)
with 16-bit resolution operating from a 5V analog and
a
3V
digital
supply.
Featuring
an
advanced
multi-stage analog modulator combined with an
on-chip
digital
decimation
filter,
the
ADS1610
achieves 86 dBFS signal-to-noise ratio (SNR) in a
5MHz signal bandwidth; while the total harmonic
distortion is -94dB.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610IPAPT BURR-BROWN-ADS1610IPAPT Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610IPAPT TI1-ADS1610IPAPT Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1610IPAPTG4 BURR-BROWN-ADS1610IPAPTG4 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610IPAPTG4 TI1-ADS1610IPAPTG4 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com