Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5542IPAP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5542IPAP.A
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP.A Datasheet(HTML) 1 Page - Texas Instruments

  ADS5542IPAP.A Datasheet HTML 1Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 2Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 3Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 4Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 5Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 6Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 7Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 8Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
ADS5500 PRODUCT FAMILY
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
14-Bit, 80 MSPS
Analog-To-Digital Converter
• TQFP-64 PowerPAD™ Package
• 14-Bit Resolution
• Recommended Amplifiers:
OPA695, OPA847, THS3201, THS3202,
• 80 MSPS Sample Rate
THS4503, THS4509, THS9001
• High SNR: 72.9 dBFS at 100 MHz f
IN
• High SFDR: 88 dBc at 100 MHz f
IN
• 2.3-V
PP Differential Input Voltage
• Wireless Communication
• Internal Voltage Reference
–
Communication Receivers
• 3.3-V Single-Supply Voltage
–
Base Station Infrastructure
• Analog Power Dissipation: 545 mW
• Test and Measurement Instrumentation
• Single and Multichannel Digital Receivers
• Serial Programming Interface
• Communication Instrumentation
–
Radar, Infrared
• Video and Imaging
• Medical Equipment
The ADS5542 is a high-performance, 14-bit, 80 MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference.
Designed for applications demanding the highest speed and highest dynamic performance in little space, the
ADS5542 has excellent power consumption of 545 mW at 3.3-V single-supply voltage. This allows an even
higher system integration density. The provided internal reference simplifies system design requirements.
Parallel CMOS-compatible output ensures seamless interfacing with common logic.
The ADS5542 is available in a 64-pin TQFP PowerPAD package over the industrial temperature range -40
°C to
85
°C.
80 MSPS
105 MSPS
125 MSPS
12 Bit
ADS5522
ADS5521
ADS5542
14 Bit
ADS5542
ADS5541
ADS5500
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5542IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPG4 TI1-ADS5542IPAPG4 Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPR TI1-ADS5542IPAPR Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPRG4 TI1-ADS5542IPAPRG4 Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5542IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
14 Bit, 80 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com