Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5542IPAPR Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS5542IPAPR
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5542IPAPR Datasheet HTML 22Page - Texas Instruments ADS5542IPAPR Datasheet HTML 23Page - Texas Instruments ADS5542IPAPR Datasheet HTML 24Page - Texas Instruments ADS5542IPAPR Datasheet HTML 25Page - Texas Instruments ADS5542IPAPR Datasheet HTML 26Page - Texas Instruments ADS5542IPAPR Datasheet HTML 27Page - Texas Instruments ADS5542IPAPR Datasheet HTML 28Page - Texas Instruments ADS5542IPAPR Datasheet HTML 29Page - Texas Instruments ADS5542IPAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
www.ti.com
SERIAL PROGRAMMING INTERFACE
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
In the event of an input voltage overdrive, the digital outputs go to the appropriate full scale level. For a positive
overdrive, the output code is 0x3FFF in straight offset binary output format, and 0x1FFF in 2's complement
output format. For a negative input overdrive, the output code is 0x0000 in straight offset binary output format
and 0x2000 in two's complement output format. These outputs to an overdrive signal are ensured through
design and characterization
The output circuitry of the ADS5542, by design, minimizes the noise produced by the data switching transients,
and, in particular, its coupling to the ADC analog circuitry. Output D4 (pin 51) senses the load capacitance and
adjusts the drive capability of all the output pins of the ADC to maintain the same output slew rate described in
the timing diagram of Figure 1. Care should be taken to ensure that all output lines (including CLKOUT) have
nearly the same load as D4 (pin 51). This circuit also reduces the sensitivity of the output timing versus supply
voltage or temperature. Placing external resistors in series with the outputs is not recommended.
The timing characteristics of the digital outputs change for sampling rates below the 80 MSPS maximum
sampling frequency. Table 5 and Table 6 show the values of various timing parameters for lower sampling
frequenies.
To use the input clock as the data capture clock, it is necessary to delay the input clock by a delay, td, that
results in the desired setup or hold time. Use either of the following equations to calculate the value of td.
Desired setup time = td – tSTART
Desired hold time = tEND – td
Table 5. Timing Characteristics at Additional Sampling Frequencies
tSETUP (ns)
tHOLD (ns)
tSTART (ns)
tEND (ns)
tr (ns)
tf (ns)
fS
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
4.3
5.7
2
3
2.8
4.5
8.3
11.8
6.6
7.2
5.5
6.4
40
8.5
11
2.6
3.5
–1
1.5
8.9
14.5
7.5
8
7.3
7.8
20
17
25.7
2.5
4.7
–9.8
2
9.5
21.6
7.5
8
7.6
8
10
27
51
4
6.5
-30
-3
11.5
31
2
284
370
8
19
185
320
515
576
50
82
75
150
Table 6. Timing Characteristics at Additional Sampling Frequencies
CLKOUT Jitter,
CLKOUT, Rise Time
CLKOUT, Fall Time
Input-to-Output Clock Delay
Peak-to-Peak
fS
tr (ns)
tf (ns)
tPDI (ns)
tJIT (ps)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
3.1
3.5
2.6
2.9
260
380
7.8
8.5
9.4
40
4.8
5.3
4
4.4
445
650
9.5
10.4
11.4
20
8.3
9.5
7.6
8.2
800
1200
13
15.5
18
10
16
20.7
25.5
2
31
52
36
65
2610
4400
537
551
567
The ADS5542 has internal registers for the programming of some of the modes described in the previous
sections. The registers should be reset after power-up by applying a 2 us (minimum) high pulse on RESET (pin
35); this also resets the entire ADC and sets the data outputs to low. This pin has a 200-k
Ω internal pullup
resistor to AVDD. The programming is done through a three-wire interface. The timing diagram and serial register
setting in the Serial Programing Interface section describe the programming of this register.
Table 2 shows the different modes and the bit values to be written to the register to enable them.
Note that some of these modes may modify the standard operation of the device and possibly vary the
performance with respect to the typical data shown in this data sheet.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com