Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7828 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7828 Datasheet HTML 1Page - Texas Instruments ADS7828 Datasheet HTML 2Page - Texas Instruments ADS7828 Datasheet HTML 3Page - Texas Instruments ADS7828 Datasheet HTML 4Page - Texas Instruments ADS7828 Datasheet HTML 5Page - Texas Instruments ADS7828 Datasheet HTML 6Page - Texas Instruments ADS7828 Datasheet HTML 7Page - Texas Instruments ADS7828 Datasheet HTML 8Page - Texas Instruments ADS7828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Microcontroller
2.7 V to 3.6 V
1 µF to
10 F
µ
+
2 kW
5 W
1 F to
µ
10 F
µ
+
0.1 F
µ
ADS7828
REF
IN/
REF
OUT
CH0
V
DD
SDA
SCL
A0
A1
GND
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
2 kW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter
With I2C Interface
1 Features
3 Description
The ADS7828 is a single-supply low-power 12-bit
1
•
Qualified for Automotive Applications
data acquisition device that features a serial I2C
•
8-Channel Multiplexer
interface and an 8-channel multiplexer. The analog-
•
50-kHz Sampling Rate
to-digital converter (ADC) features a sample-and-hold
amplifier
and
internal
asynchronous
clock.
The
•
No Missing Codes
combination of an I2C serial 2-wire interface and
•
2.7 V to 5 V Operation
micropower consumption makes the ADS7828 ideal
•
Internal 2.5-V Reference
for applications requiring the ADC to be close to the
input source in remote locations and for applications
•
I2C Interface Supports Standard, Fast, and High-
requiring isolation. The ADS7828 is available in a
Speed Modes
TSSOP-16 package.
2 Applications
Device Information(1)
•
Automotive Head Units
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Heads-Up Display (HUD)
ADS7828-Q1
TSSOP (16)
6.40 mm × 5.00 mm
•
Automotive Battery Management Systems
(1) For all available packages, see the orderable addendum at
•
Automotive On-Board Chargers
the end of the data sheet.
•
Voltage-Supply Monitoring
•
Isolated Data Acquisition
•
Transducer Interfaces
•
Battery-Operated Systems
•
Remote Data Acquisition
•
NOx Sensors
•
Ssot and Particulate Matter (PM) Sensors
•
Oxygen (O2, Lambda, A/F) Sensors
•
Ammonia (NH3) Sensors
•
Other Emissions and Gas Sensors
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS7828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI1-ADS7828 Datasheet
876Kb / 22P
ANALOG-TO-DIGITAL CONVERTER
ADS7828 TI2-ADS7828 Datasheet
996Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface
REVISED MARCH 2005
More results

Similar Description - ADS7828

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com