Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AP2002W0B Datasheet(PDF) 12 Page - APEM

Part # PBAR5AP2002W0B
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AP2002W0B Datasheet(HTML) 12 Page - APEM

Back Button PBAR5AP2002W0B Datasheet HTML 8Page - APEM PBAR5AP2002W0B Datasheet HTML 9Page - APEM PBAR5AP2002W0B Datasheet HTML 10Page - APEM PBAR5AP2002W0B Datasheet HTML 11Page - APEM PBAR5AP2002W0B Datasheet HTML 12Page - APEM PBAR5AP2002W0B Datasheet HTML 13Page - APEM PBAR5AP2002W0B Datasheet HTML 14Page - APEM PBAR5AP2002W0B Datasheet HTML 15Page - APEM PBAR5AP2002W0B Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
B2-140
APEM
www.apem.com
B2
PBA series
Piezo switches Ø 22 (.866)
Illuminated or non-illuminated
Non-illuminated - operator height 3 mm (.118)
Flat
PBAR2
With finger location
PBAR6
• Operator Ø 28 mm (1.102)
FICHIER: CPBADEC
le 10/12/08
ECHELLE: 0.7
CPBADEC2-A
indice A
CPBADEC3-A
CPBADEC1-A
(.637 DIA)
Ø16.20
Ø19.20
(.756 DIA)
(.874 DIA)
Ø22.20
2.80
(.110)
Ø22.20
(.874 DIA)
With illuminated dot - operator height 3 mm (.118)
Flat
PBAR2
With finger location
PBAR6
With thin illuminated ring - operator height 4,50 (.177)
Flat
PBARZ
With chamfer
PBARY
Wire colours
: see “Electrical functions”.
MODEL
STRUCTURE
PBAR2AF6000
PBAR6AF6000L0G
PBARYAF0000C0B
CPBA221-A
FICHIER: CPBA22-P17
le 25/11/08
ECHELLE: 0.7
indice A
CPBA222-A
CPBA223-A
(.866DIAx1.00 IS)
Ø22.00x1.00 SI
0.22mm
2
30°
2.00
(.079)
(.815DIA)
Ø20.70
(1.102DIA)
Ø28.00
RZ
RY
(.866DIAx1.00 IS)
Ø22.00x1.00 SI
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
R6
R2
R6
R2
0.22mm
2
2
0.22mm
(.256)
6.50
(.118DIA)
LED
Ø3.00
Ø22.00
3.00
Ø28.00
PUSH
ZONE
PUSH
ZONE
(.866DIA)
(.118)
(1.102DIA)
(.866DIA)
Ø22.00
Ø28.00
(1.102DIA)
Ø20.70
(.815DIA)
CPBA221-A
FICHIER: CPBA22-P17
le 25/11/08
ECHELLE: 0.7
indice A
CPBA222-A
CPBA223-A
(.866DIAx1.00 IS)
Ø22.00x1.00 SI
0.22mm
2
30°
2.00
(.079)
(.815DIA)
Ø20.70
(1.102DIA)
Ø28.00
RZ
RY
(.866DIAx1.00 IS)
Ø22.00x1.00 SI
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
R6
R2
R6
R2
0.22mm
2
2
0.22mm
(.256)
6.50
(.118DIA)
LED
Ø3.00
Ø22.00
3.00
Ø28.00
PUSH
ZONE
PUSH
ZONE
(.866DIA)
(.118)
(1.102DIA)
(.866DIA)
Ø22.00
Ø28.00
(1.102DIA)
Ø20.70
(.815DIA)
© Dimension of ON-OFF models
CPBA223-B
0.22mm
2
30°
2.00
(.079)
(.815DIA)
Ø20.70
(1.102DIA)
Ø28.00
RZ
RY
(.866DIAx1.00 IS)
Ø22.00x1.00 SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com