Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B001 Datasheet(PDF) 1 Page - Pro-Signal

Part # B001
Description  6 Way and 3 Way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

B001 Datasheet(HTML) 1 Page - Pro-Signal

  B001 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
BT Type
Order Code
77A
916-717
84A
916-730
6 Way and 3 Way
BT Type 77A and 84A
206916
Ì Each IDC connector can take up to two cores of CW1308 cable. The screw terminals
are suitable for thicker cable up to 1.5mm2. Supplied with cover.
IDC
SCREW
IDC
PCB Connections
IDC
BT Type 84A
H = 23, W = 41, D = 56
BT Type 77A
H = 23, W = 41, D = 56


Similar Part No. - B001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B001 ETC2-B001 Datasheet
29Kb / 1P
6 Way and 3 Way
logo
Anaren Microwave
B0011E75300A00 ANAREN-B0011E75300A00 Datasheet
487Kb / 10P
Ultra Low Profile 1008 Balun
More results

Similar Description - B001

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
American Accurate Compo...
JXWBGF-T-6-2.4-6 AAC-JXWBGF-T-6-2.4-6 Datasheet
69Kb / 1P
6-Way Power Divider
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Amphenol Corporation
AT04-3P AMPHENOL-AT04-3P Datasheet
496Kb / 1P
Recpt, 3 Way
AT04-6P AMPHENOL-AT04-6P Datasheet
604Kb / 1P
Recpt, 6 Way
AT06-3S AMPHENOL-AT06-3S Datasheet
167Kb / 1P
Plug, 3 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
Plug, 6 Way
logo
SYNERGY MICROWAVE CORPO...
DFK-7B1S SYNERGY-DFK-7B1S Datasheet
343Kb / 3P
6-WAY POWER DIVIDER
logo
Innovative Power Produc...
IPP-1146 IPP-IPP-1146 Datasheet
64Kb / 1P
OUTLINE 3 WAY
logo
Shenzhen Putianhe Techn...
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com